Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6250 Datasheet(PDF) 6 Page - EM Microelectronic - MARIN SA

Part # A6250
Description  High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

A6250 Datasheet(HTML) 6 Page - EM Microelectronic - MARIN SA

Back Button A6250 Datasheet HTML 2Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 3Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 4Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 5Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 6Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 7Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 8Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 9Page - EM Microelectronic - MARIN SA A6250 Datasheet HTML 10Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
A6250
Pin Description
Pin
Name
Function
2
EN
Push-pull active low enable output
3
RES
Open drain active low reset output.
RES must be pulled up to VOUTPUT
even if unused
4
TCL
Watchdog timer clear input signal
5
VSS
GND terminal
12
INPUT
Voltage regulator input
13
OUTPUT
Voltage regulator output
14
R
REXT input for RC oscillator tuning
15
VIN
Voltage comparator input
Table 5
Functional Description
Voltage Regulator
The A6250 has a 5 V ± 3%, 250 mA, low dropout voltage
regulator. The low supply current (typ. 175 µA) makes the
A6250 particularly suited to automotive systems then re-
main energized 24 hours a day. The input voltage range is
2.3 V to 40 V for operation and the input protection in-
cludes both reverse battery (20 V below ground) and load
dump (positive transients up to 60 V). There is no reverse
current flow from the OUTPUT to the INPUT when the
INPUT equals VSS. This feature is important for systems
which need to implement (with capacitance) a minimum
power supply hold-up time in the event of power failure. To
achieve good load regulation a 22 µF capacitor (or
greater) is needed on the INPUT (see Fig. 8). Tantalum or
aluminium electrolytics are adequate for the 22 µF capaci-
tor; film types will work but are relatively expensive. Many
aluminium electrolytics have electrolytes that freeze at
about -30°C, so tantalums are recommended for opera-
tion below -25°C. The important parameters of the 22 µF
capacitor are an effective series resistance of
≤ 5 Ω and a
resonant frequency above 500 kHz.
A 10 µF capacitor (or greater) and a 100 nF capacitor are
required on the OUTPUT to prevent oscillations due to in-
stability. The specification of the 10 µF capacitor is as per
the 22 µF capacitor on the INPUT (see previous para-
graph).
The A6250 will remain stable and in regulation with no ex-
ternal load and the dropout voltage is typically constant as
the input voltage fall to below its minimum level (see Table
2). These features are especially important in CMOS RAM
keep-alive applications.
Care must be taken not to exceed the maximum junction
temperature (+125°C). The power dissipation within the
A6250 is given by the formula:
PTOTAL = (VINPUT - VOUTPUT) . IOUTPUT + (VINPUT) . ISS
The maximum continuous power dissipation at a given
temperature can be calculated using the formula:
PMAX = (125°C - TA) / Rth(j-a)
where Rth(j-a) is the thermal resistance from the junction
to the ambient and is specified in Table 2. Note the R
th(j-a)
given in Table 2 assumes that the package is soldered to a
PCB. The above formula for maximum power dissipation
assumes a constant load (ie.
≥ 100 s). The transient ther-
mal resistance for a single pulse is much lower than the
continuous value.
VIN Monitoring
The power-on reset and the power-down reset are gener-
ated as a response to the external voltage level on the VIN
input. The external voltage level is typically obtained from
a voltage divider as shown in Fig. 8. The user uses the ex-
ternal voltage divider to set the desired threshold level for
power-on reset and power-down reset in his system. The
internal comparator reference voltage is typically 1.52 V.
At power-up the reset output (RES) is held low (see Fig. 4).
After INPUT reaches 3.36 V (and so OUTPUT reaches at
least 3 V) and VIN becomes greater than VREF, the RES out-
put is held low for an additional power-on-reset (POR) de-
lay which is equal to the watchdog time T
WD (typically 100
ms with an external resistor of 123 k
Ω connected at R pin).
The POR delay prevents repeated toggling of RES even if
VIN and the INPUT voltage drops out and recovers. The
POR delay allows the microprocessor’s crystal oscillator
time to start and stabilize and ensures correct recognition
of the reset signal to the microprocessor.
The RES output goes active low generating the
power-down reset whenever V
IN falls below VREF. The sen-
sitivity or reaction time of the internal comparator to the
voltage level on VIN is typically 5 µs.
Timer Programming
The on-chip oscillator with an external resistor REXT con-
nected between the R pin and VSS (see Fig. 8) allows the
user to adjust the power-on reset (POR) delay, watchdog
time TWD and with this also the closed and open time win-
dows as well as the watchdog reset pulse width (TWD / 40).
With REXT = 123 kΩ typical values are:
- Power-on reset delay:
T
POR = 100 ms
- Watchdog time:
TWD = 100 ms
- Closed window:
TCW = 80 ms
- Open window:
TOW = 40 ms
- Watchdog reset:
TWDR = 2.5 ms
Note the current consumption increases as the frequency
increases.


Similar Part No. - A6250

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A6250A AITSEMI-A6250A Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE3RXX AITSEMI-A6250AE3RXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE3VRXX AITSEMI-A6250AE3VRXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE5RXX AITSEMI-A6250AE5RXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
A6250AE5VRXX AITSEMI-A6250AE5VRXX Datasheet
747Kb / 11P
   LOW DROPOUT VOLTAGE REGULATOR 250mA LOW CONSUMPTION LINEAR REGULATOR
REV2.5
More results

Similar Description - A6250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A6130 ETC1-A6130 Datasheet
500Kb / 14P
   High Efficiency Linear Power Supply with Accurate Power Surveillance and Software Monitoring
A6150 ETC1-A6150 Datasheet
324Kb / 14P
   High Efficiency Linear Power Supply with Power Surveillance and Software Monitoring
V6130 ETC-V6130 Datasheet
514Kb / 12P
   Accurate Power Surveillance and Software Monitoring
V6150 ETC1-V6150 Datasheet
169Kb / 12P
   Power Surveillance and Software Monitoring
V6170 ETC1-V6170 Datasheet
165Kb / 12P
   Accurate Voltage Window Surveillance and Software Monitoring
logo
EM Microelectronic - MA...
V6155 EMMICRO-V6155 Datasheet
171Kb / 12P
   Extremely Accurate Power Surveillance, Software Monitoring and Sleep Mode Detection
logo
List of Unclassifed Man...
A6155 ETC1-A6155 Datasheet
462Kb / 15P
   High Efficiency Linear Power Supply
A6300 ETC1-A6300 Datasheet
196Kb / 8P
   High Efficiency Linear Power Supply
logo
ABB
M4M ABB-M4M Datasheet
1Mb / 10P
   Accurate electrical measuring and power monitoring.
logo
Level One
FCS-9404 LVL1-FCS-9404 Datasheet
1Mb / 3P
   Powerful Surveillance Management Software
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com