Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT4301A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # THAT4301A
Description  THAT Analog Engine짰 IC Dynamics Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT4301A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  THAT4301A Datasheet HTML 1Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 2Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 3Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT4301A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
Page 2
Rev. 04/10/02
SPECIFICATIONS1,2
Absolute Maximum Ratings (T
A = 25°C)
Positive Supply Voltage (VCC)
+18 V
Negative Supply Voltage (VEE)
-18 V
Supply Current (ICC)20 mA
Power Dissipation (PD)(TA = 75°C)
700
mW
Operating Temperature Range (TOP)
0 to +70°C
Storage Temperature Range (TST)
-40 to +125°C
Overall Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Positive Supply Voltage
VCC
+7
+15
V
Negative Supply Voltage
VEE
-7
-15
V
Positive Supply Current
ICC
—12
18
mA
Negative Supply Current
IEE
-12
-18
mA
Thermal Resistance
qJ-C
SO-Package
140
°C/W
VCA Electrical Characteristics3
4301
4301A
Parameter
Symbol
Conditions
Min
Typ
Max
Min
Typ
Max
Units
Input Bias Current
IB(VCA)
No Signal
30
400
30
400
pA
Input Offset Voltage
VOFF(VCA In)
No Signal
±4
±15
±4
±15
mV
Input Signal Current
IIN(VCA) or IOUT(VCA)
175
750
175
750
mArms
Gain at 0V Control
G0
EC+ =EC– = 0.000V
-0.4
0.0
+0.4
-0.4
0.0
+0.4
dB
Gain-Control Constant
TA = 25°C (TCHIP
@ 55°C)
-60 dB < gain < +40dB
EC+/Gain (dB)
EC+ & SYM
6.4
6.5
6.6
6.4
6.5
6.6
mV/dB
EC-/Gain (dB)
EC-
-6.4
-6.5
-6.6
-6.4
-6.5
-6.6
mV/dB
Gain-Control TempCo
DEC / DTCHIP
Ref TCHIP= 27°C
+0.33
+0.33
%/°C
Gain-Control Linearity
-60 to +40 dB gain
0.5
2
0.5
2
%
Off Isolation
EC+=SYM=-375mV, EC-=+375mV 110
115
110
115
dB
Output Offset Voltage Change
DVOFF(OUT)
Rout = 20k
W
0 dB gain
1
3
1
3
mV
+15 dB gain
2
10
2
10
mV
+30 dB gain
5
25
5
25
mV
Gain Cell Idling Current
IIDLE
—20—
—20—
mA
Output Noise
en(OUT)
20 Hz-20 kHz
Rout = 20k
W
0 dB gain
-96
-94
-96
-94
dBV
+15 dB gain
-85
-83
-85
-83
dBV
Total Harmonic Distortion
THD
VIN= 0 dBV, 1 kHz
0 dB gain
0.003 0.007
0.003 0.007
%
1. All specifications subject to change without notice.
2. Unless otherwise noted, T
A=25°C, VCC = +15V, VEE= -15V; VCASYM adjusted for min THD@1V,1 kHz, 0 dB gain.
3. Test circuit is the VCA section only from Figure 2.


Similar Part No. - THAT4301A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
More results

Similar Description - THAT4301A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
THAT4311 ETC-THAT4311 Datasheet
230Kb / 12P
   Low-voltage, Low-power Analog Engine Dynamics Processor
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
International Rectifier
AN-1090 IRF-AN-1090 Datasheet
257Kb / 15P
   Controller Dynamics and Tuning
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
   Analog Servo Processor
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com