Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THAT4301 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # THAT4301
Description  THAT Analog Engine짰 IC Dynamics Processor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

THAT4301 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button THAT4301 Datasheet HTML 4Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 5Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 6Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 7Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 8Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 9Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 10Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 11Page - List of Unclassifed Manufacturers THAT4301 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
The GAIN control (R
18) is used to provide static
gain or attenuation in the signal path. This control
adds up to
±130 mV offset to the output of OA
2 (from
-V
+
R
R
16
17
to -V
-
R
R
16
17
), which is approximately
±20 dB change in gain of the VCA. C
5 is used to atten-
uate the noise of OA
2,OA1
and the resistors R
8
through R
16 used in the control path. All these active
and passive components produce noise which is
passed on to the control port of the VCA, causing
modulation of the signal. By itself, the 4301 VCA pro-
duces very little noise modulation, and its perfor-
mance can be significantly degraded by the use of
noisy components in the control voltage path.
Overall Result
The
resulting
compressor
circuit
provides
hard-knee compression above threshold with three
essential user-adjustable controls. The threshold of
compression may be varied over a
±30 dB range from
about –46 dBV to +14 dBV. The compression ratio
may be varied from 1:1 (no compression) to
¥:1.
And, static gain may be added up to
±20 dB. Audio
performance is excellent, with THD running below
0.05% at middle frequencies even with 10 dB of com-
pression, and an input dynamic range of over
115 dB.
Perhaps most important, this example design
only scratches the surface of the large body of appli-
cations circuits which may be constructed with THAT
4301.
The
combination
of
an
accurate,
wide-dynamic-range, log-responding level detector
with a high-quality, exponentially-responding VCA
produces a versatile and powerful analog engine. The
opamps provided in the 4301 enable the designer to
configure these building blocks with few external
components to construct gates, expanders, de-essers,
noise reduction systems and the like.
For further information, samples and pricing,
please contact us at the address below.
THAT Corporation; 45 Sumner Street; Milford, Massachusetts 01757-1656; USA
Tel: +1 (508) 478-9200; Fax: +1 (508) 478-0990; Web: www.thatcorp.com
THAT 4301 Dynamics Processor IC
Page 11


Similar Part No. - THAT4301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
More results

Similar Description - THAT4301

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT4305 ETC1-THAT4305 Datasheet
303Kb / 20P
   Pre-trimmed Analog Engine짰 IC
THAT4311 ETC-THAT4311 Datasheet
230Kb / 12P
   Low-voltage, Low-power Analog Engine Dynamics Processor
logo
Sony Corporation
CXA2027Q SONY-CXA2027Q Datasheet
287Kb / 18P
   Analog signal processor IC
logo
STMicroelectronics
STV0502 STMICROELECTRONICS-STV0502 Datasheet
158Kb / 15P
   CCD SENSORS ANALOG PROCESSOR IC
logo
Sony Corporation
CXA2075M SONY-CXA2075M Datasheet
233Kb / 15P
   encoder IC that converts
logo
International Rectifier
AN-1090 IRF-AN-1090 Datasheet
257Kb / 15P
   Controller Dynamics and Tuning
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
logo
YAMAHA CORPORATION
GDR101 YAMAHA-GDR101 Datasheet
237Kb / 2P
   Analog Servo Processor
logo
LSI Computer Systems
BH3878KS2 LSI-BH3878KS2 Datasheet
228Kb / 2P
   Sound Processor IC
logo
List of Unclassifed Man...
TP5299 ETC1-TP5299 Datasheet
74Kb / 11P
   ECHO PROCESSOR IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com