Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F269 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74F269
Description  8-bit bidirectional binary counter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F269 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74F269 Datasheet HTML 5Page - NXP Semiconductors 74F269 Datasheet HTML 6Page - NXP Semiconductors 74F269 Datasheet HTML 7Page - NXP Semiconductors 74F269 Datasheet HTML 8Page - NXP Semiconductors 74F269 Datasheet HTML 9Page - NXP Semiconductors 74F269 Datasheet HTML 10Page - NXP Semiconductors 74F269 Datasheet HTML 11Page - NXP Semiconductors 74F269 Datasheet HTML 12Page - NXP Semiconductors 74F269 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product specification
74F269
8–bit bidirectional binary counter
1996 Jan 05
9
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0V
0V
tTHL (tf )
INPUT PULSE REQUIREMENTS
rep. rate
tw
tTLH
tTHL
1MHz
500ns
2.5ns
2.5ns
Input Pulse Definition
VCC
family
74F
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for Totem-Pole Outputs
DEFINITIONS:
RL = Load resistor;
see AC ELECTRICAL CHARACTERISTICS for value.
CL = Load capacitance includes jig and probe capacitance;
see AC ELECTRICAL CHARACTERISTICS for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
amplitude
3.0V
1.5V
VM
SF00006


Similar Part No. - 74F269

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
74F269SC FAIRCHILD-74F269SC Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
More results

Similar Description - 74F269

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269_07 Datasheet
145Kb / 9P
   8-Bit Bidirectional Binary Counter
logo
NXP Semiconductors
74F269 NXP-74F269 Datasheet
177Kb / 19P
   8-bit bidirectional binary counter
Rev. 05-25 March 2010
logo
Fairchild Semiconductor
74F269 FAIRCHILD-74F269 Datasheet
69Kb / 6P
   8-Bit Bidirectional Binary Counter
74F269 FAIRCHILD-74F269 Datasheet
53Kb / 6P
   8-Bit Bidirectional Binary Counter
logo
Motorola, Inc
MC74F269 MOTOROLA-MC74F269 Datasheet
156Kb / 5P
   8-BIT BIDIRECTIONAL BINARY COUNTER
logo
NXP Semiconductors
74F1779 PHILIPS-74F1779 Datasheet
110Kb / 12P
   8-bit bidirectional binary counter -State
1989 Apr 06
logo
Motorola, Inc
MC74F579 MOTOROLA-MC74F579 Datasheet
136Kb / 4P
   8-BIT BIDIRECTIONAL BINARY COUNTER (3-STATE)
logo
NXP Semiconductors
74F779 PHILIPS-74F779 Datasheet
100Kb / 12P
   8-bit bidirectional binary counter 3-State
1989 Sep 20
74F579 PHILIPS-74F579 Datasheet
112Kb / 14P
   8-bit bidirectional binary counter 3-State
1992 May 04
logo
National Semiconductor ...
54F579 NSC-54F579 Datasheet
197Kb / 8P
   8-Bit Bidirectional Binary Counter with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com