Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP6NTP2A Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP6NTP2A
Description  QUAD FORWARD-CONDUCTING BUFFERED P-GATE THYRISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2A Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP6NTP2A Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 7Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 8Page - Bourns Electronic Solutions TISP6NTP2A Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Specifications are subject to change without notice.
221
JUNE 1998 - REVISED OCTOBER 2000
Description (continued)
These systems often have the need to source two POTS (Plain Old Telephone Service) lines, one for a telephone and the other for a facsimile
machine. In a single surface mount package, the TISP6NTP2A protects the two POTS line SLICs (Subscriber Line Interface Circuits) against
overvoltages caused by lightning, a.c. power contact and induction.
The TISP6NTP2A has an array of four buffered P-gate forward conducting thyristors with twin commoned gates and a common anode
connection. Each thyristor cathode has a separate terminal connection. An antiparallel anode-cathode diode is connected across each
thyristor. The buffer transistors reduce the gate supply current.
In use, the cathodes of an TISP6NTP2A thyristor are connected to the four conductors of two POTS lines (see applications information). Each
gate is connected to the appropriate negative voltage battery feed of the SLIC driving that line pair. By having separate gates, each SLIC can
be protected at a voltage level related to the negative supply voltage of that individual SLIC. The anode of the TISP6NTP2A is connected to the
SLIC common.
Positive overvoltages are clipped to common by forward conduction of the TISP6NTP2A antiparallel diode. Negative overvoltages are initially
clipped close to the SLIC negative supply by emitter follower action of the TISP6NTP2A buffer transistor. If sufficient clipping current flows, the
TISP6NTP2A thyristor will regenerate and switch into a low voltage on-state condition. As the overvoltage subsides, the high holding current of
the TISP6NTP2A prevents d.c. latchup.
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, IG =0, -40 °C TJ 85 °CVDRM
-100
V
Repetitive peak gate-cathode voltage, VKA =0, -40 °C TJ 85 °CVGKRM
-90
V
Non-repetitive peak on-state pulse current, -40
°C TJ 85 °C, (see Notes 1 and 2)
ITSP
A
10/1000
µs (Bellcore GR-1089-CORE, Issue 1, November 1994, Section 4)
20
0.2/310
µs (I3124, open-circuit voltage wave shape 0.5/700 µs)
5/310
µs (ITU-T K.20 & K.21, open-circuit voltage wave shape 10/700 µs)
8/20
µs (IEC 61000-4-5:1995, open-circuit voltage wave shape 1.2/50 µs)
25
25
75
2/10
µs (Bellcore GR-1089-CORE, Issue 1, November 1994, Section 4)
85
Non-repetitive peak on-state current, 50/60 Hz, -40
°C TJ 85 °C, (see Notes 1 and 2)
ITSM
A
100 ms
7
1s
5s
300 s
900 s
2.7
1.5
0.45
0.43
Non-repetitive peak gate current, 1/2
µs pulse, cathodes commoned (see Note 1)
IGSM
25
A
Operating free-air temperature range
TA
-40 to +85
°C
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-65 to +150
°C
NOTES: 1. Initially, the protector must be in thermal equilibrium with -40
°C TJ 85 °C. The surge may be repeated after the device returns
to its initial conditions.
2. These non-repetitive rated currents are peak values for either polarity. The rated current values may be applied to any cathode-
anode terminal pair. Additionally, all cathode-anode terminal pairs may have their rated current values applied simultaneously (in
this case the anode terminal current will be four times the rated current value of an individual terminal pair). Above 85
°C, derate
linearly to zero at 150
°C lead temperature.
Absolute Maximum Ratings, TA = 25 °C (Unless Otherwise Noted)
TISP6NTP2A Programmable Protector


Similar Part No. - TISP6NTP2A

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP6NTP2A BOURNS-TISP6NTP2A Datasheet
392Kb / 7P
   Programmable Protector
TISP6NTP2A BOURNS-TISP6NTP2A_08 Datasheet
392Kb / 7P
   Programmable Protector
More results

Similar Description - TISP6NTP2A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TISP6NTP2B ETC1-TISP6NTP2B Datasheet
296Kb / 8P
   QUAD FORWARD-CONDUCTING BUFFERED P-GATE THYRISTORS
logo
Power Innovations Ltd
TISP61060D POINN-TISP61060D Datasheet
286Kb / 14P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089A POINN-TISP61089A Datasheet
319Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61511D POINN-TISP61511D Datasheet
210Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089S POINN-TISP61089S Datasheet
284Kb / 16P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP61511D BOURNS-TISP61511D_08 Datasheet
653Kb / 9P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61089 BOURNS-TISP61089 Datasheet
182Kb / 12P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
TISP61521 BOURNS-TISP61521 Datasheet
253Kb / 11P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP61089 POINN-TISP61089 Datasheet
425Kb / 17P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS?
logo
Bourns Electronic Solut...
TISP61089D BOURNS-TISP61089D Datasheet
253Kb / 8P
   DUAL FORWARD-CONDUCTING P-GATE THYRISTORS PROGRAMMABLE OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com