Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3290H3 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # TISP3290H3
Description  DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3290H3 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  TISP3290H3 Datasheet HTML 1Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 2Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 3Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3290H3 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Specifications are subject to change without notice.
100
JANUARY 1999 - REVISED OCTOBER 2000
Electrical Characteristics for the R and T Terminals, TA = 25 °C (Unless Otherwise Noted)
Parameter
Test Conditions
Min
Typ
Max
Unit
IDRM
Repetitive peak off-
state current
VD = 2VDRM
±5
µA
V(BO)
Breakover voltage
dv/dt =
±750 V/ms, RSOURCE = 300
‘3070
‘3080
‘3095
‘3115
‘3125
‘3135
‘3145
‘3180
‘3210
‘3250
‘3290
‘3350
±140
±160
±190
±230
±250
±270
±290
±360
±420
±500
±580
±700
V
V(BO)
Impulse breakover
voltage
dv/dt
±1000 V/µs, Linear voltage ramp,
Maximum ramp value =
±500 V
di/dt =
±20 A/µs, Linear current ramp,
Maximum ramp value =
±10 A
‘3070
‘3080
‘3095
‘3115
‘3125
‘3135
‘3145
‘3180
‘3210
‘3250
‘3290
‘3350
±156
±176
±206
±248
±268
±288
±308
±378
±440
±252
±604
±724
V
Thermal Characteristics
TISP3xxxH3SL Overvoltage Protector Series
Parameter
Test Conditions
Min
Typ
Max
Unit
RθJA
Junction to free air thermal resistance
EIA/JESD51-3 PCB, IT = ITSM(1000),
TA = 25 °C, (see Note 7)
50
°C/W
NOTE
7:
EIA/JESD51-2 environment and PCB has standard footprint dimensions connected with 5 A rated printed wiring track widths.


Similar Part No. - TISP3290H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3290H3 BOURNS-TISP3290H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
More results

Similar Description - TISP3290H3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com