Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP3350H3 Datasheet(PDF) 8 Page - Bourns Electronic Solutions

Part # TISP3350H3
Description  DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP3350H3 Datasheet(HTML) 8 Page - Bourns Electronic Solutions

Back Button TISP3350H3 Datasheet HTML 4Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 5Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 6Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 7Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 8Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 9Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 10Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 11Page - Bourns Electronic Solutions TISP3350H3 Datasheet HTML 12Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Specifications are subject to change without notice.
103
JANUARY 1999 - REVISED OCTOBER 2000
Typical Characteristics
TISP3xxxH3SL Overvoltage Protector Series
Figure 6.
Figure 7.
V
D - Off-state Voltage - V
0.5
1
2
3
5
10
20 30
50
100 150
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
T
J = 25 °C
V
d = 1 Vrms
'3125 THRU '3210
'3250 THRU '3350
'3070 THRU '3115
TC7HAK
V
DRM - Repetitive Peak Off-State Voltage - V
50
60
70 80 90
150
200
250 300
100
30
35
40
45
50
55
60
65
70
75
DC = C
off(-2 V) - Coff(-50 V)
NORMALIZED CAPACITANCE
vs
OFF-STATE VOLTAGE
DIFFERENTIAL OFF-STATE CAPACITANCE
vs
RATED REPETITIVE PEAK OFF-STATE VOLTAGE


Similar Part No. - TISP3350H3

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TISP3350H3 BOURNS-TISP3350H3 Datasheet
353Kb / 12P
   Overvoltage Protector Series
logo
Power Innovations Ltd
TISP3350H3SL POINN-TISP3350H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results

Similar Description - TISP3350H3

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
TISP3070H3SL POINN-TISP3070H3SL Datasheet
231Kb / 12P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP3X00F3 BOURNS-TISP3X00F3 Datasheet
299Kb / 10P
   DUAL BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Power Innovations Ltd
TISP4070L3BJ POINN-TISP4070L3BJ Datasheet
223Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS?
TISP4070M3BJ POINN-TISP4070M3BJ Datasheet
317Kb / 14P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
logo
Bourns Electronic Solut...
TISP4XXXF3LM BOURNS-TISP4XXXF3LM Datasheet
384Kb / 11P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4290T3BJ BOURNS-TISP4290T3BJ_08 Datasheet
232Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXM3LM BOURNS-TISP4XXXM3LM Datasheet
449Kb / 16P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4500H3BJ BOURNS-TISP4500H3BJ Datasheet
201Kb / 6P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XX0T3BJ BOURNS-TISP4XX0T3BJ Datasheet
159Kb / 9P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
TISP4XXXJ3BJ BOURNS-TISP4XXXJ3BJ Datasheet
187Kb / 8P
   BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com