Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F280B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74F280B
Description  9-bit odd/even parity generator/checker
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F280B Datasheet(HTML) 4 Page - NXP Semiconductors

  74F280B Datasheet HTML 1Page - NXP Semiconductors 74F280B Datasheet HTML 2Page - NXP Semiconductors 74F280B Datasheet HTML 3Page - NXP Semiconductors 74F280B Datasheet HTML 4Page - NXP Semiconductors 74F280B Datasheet HTML 5Page - NXP Semiconductors 74F280B Datasheet HTML 6Page - NXP Semiconductors 74F280B Datasheet HTML 7Page - NXP Semiconductors 74F280B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product specification
74F280B
9-bit odd/even parity generator/checker
1996 Mar 12
4
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
T
Operating free air temperature range
Commercial range
0 to +70
°C
Tamb
Operating free-air temperature range
Industrial range
–40 to +85
°C
Tstg
Storage temperature
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
Min
Nom
Max
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
T
Operating free air temperature range
Commercial range
0
70
°C
Tamb
Operating free-air temperature range
Industrial range
–40
85
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VO
High level output voltage
VCC = MIN, VIL = MAX
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = MIN, IOH = MAX
±5%VCC
2.7
3.4
V
VO
Low level output voltage
VCC = MIN, VIL = MAX
±10%VCC
0.35
0.50
V
VOL
Low-level output voltage
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
µA
I
High level input current
Commercial range
VCC = MAX V =2 7V
20
µA
IIH
High-level input current
Industrial range
VCC = MAX, VI = 2.7V
40
µA
IIL
Low-level input current
VCC = MAX, VI = 0.5V
–20
µA
IOS
Short-circuit output current3
VCC = MAX
–60
–150
mA
ICC
Supply current (total)
VCC = MAX
26
35
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a High output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - 74F280B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F280 NSC-74F280 Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74F280 FAIRCHILD-74F280 Datasheet
58Kb / 5P
   9-Bit Parity Generator/Checker
74F280 FAIRCHILD-74F280 Datasheet
76Kb / 6P
   9-Bit Parity Generator/Checker
74F280 FAIRCHILD-74F280 Datasheet
77Kb / 6P
   9-Bit Parity Generator/Checker
logo
National Semiconductor ...
74F280PC NSC-74F280PC Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results

Similar Description - 74F280B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54AC280 TI-CD54AC280 Datasheet
260Kb / 2P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
National Semiconductor ...
MM74HC280 NSC-MM74HC280 Datasheet
120Kb / 4P
   9-Bit Odd/Even Parity Generator/Checker
logo
Renesas Technology Corp
HD74HC280 RENESAS-HD74HC280 Datasheet
75Kb / 6P
   9-bit Odd/Even Parity Generator/Checker
HD74LS280 RENESAS-HD74LS280 Datasheet
174Kb / 6P
   9-bit Odd / Even Parity Generator / Checker
logo
NXP Semiconductors
74HC280 PHILIPS-74HC280 Datasheet
49Kb / 7P
   9-bit odd/even parity generator/checker
December 1990
logo
Texas Instruments
CD74AC280 TI-CD74AC280 Datasheet
28Kb / 5P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Hitachi Semiconductor
HD74HC280 HITACHI-HD74HC280 Datasheet
39Kb / 7P
   9-bit Odd/Even Parity Generator/Checker
logo
Texas Instruments
CD54AC280 TI-CD54AC280_07 Datasheet
404Kb / 12P
[Old version datasheet]   9-Bit Odd/Even Parity Generator/Checker
logo
Toshiba Semiconductor
TC74HC280P TOSHIBA-TC74HC280P Datasheet
143Kb / 5P
   9-BIT ODD/EVEN PARITY GENERATOR/CHECKER
logo
Nexperia B.V. All right...
74HCT280 NEXPERIA-74HCT280 Datasheet
245Kb / 13P
   9-bit odd/even parity generator/checker
Rev. 4 - 16 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com