Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2113 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMUN2113
Description  Bias Resistor Transistor PNP Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2113 Datasheet(HTML) 3 Page - Weitron Technology

  MMUN2113 Datasheet HTML 1Page - Weitron Technology MMUN2113 Datasheet HTML 2Page - Weitron Technology MMUN2113 Datasheet HTML 3Page - Weitron Technology MMUN2113 Datasheet HTML 4Page - Weitron Technology MMUN2113 Datasheet HTML 5Page - Weitron Technology MMUN2113 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
(V =5.0V,V =3.5V, R =1.0k )
(V =5.0V,V =0.5V, R =1.0k )
(V =5.0V,V =0.25V, R =1.0k )
(V =5.0V,V =0.050V, R =1.0k )
WEITRON
http://www.weitron.com.tw
MMUN2111 Series
Characteristics
Symbol
Min
Max
Unit
Typ
Electrical Characteristics (TA=25 C Unless Otherwise noted)
DC Current Gain
(VCE=10V, I =5.0mA)
Output Voltage(on)
(VCC=5.0V,V =2.5V, R =1.0k )
h
On Characteristics
35
60
80
80
160
160
8.0
3.0
15
80
80
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
60
100
140
140
250
250
15
5.0
27
140
130
C
B
L
B
L
(3)
FE
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
4.9
-
-
-
-
-
-
-
-
-
-
-
-
-
Vdc
Vdc
3. Pulse Test: Pulse Width 300 us, Duty Cycle 2.0%
CC
VOL
VOH
Output Voltage(off)
WE IT R ON
L
B
CC
L
B
CC
L
B
CC
MMUN2111
MMUN2112
MMUN2113
MMUN2114
MMUN2115
MMUN2116
MMUN2130
MMUN2131
MMUN2132
MMUN2133
MMUN2134
MMUN2111
MMUN2112
MMUN2113
MMUN2114
MMUN2115
MMUN2116
MMUN2130
MMUN2130
MMUN2131
MMUN2132
MMUN2115
MMUN2116
MMUN2131
MMUN2132
MMUN2133
MMUN2134


Similar Part No. - MMUN2113

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMUN2113 LRC-MMUN2113 Datasheet
266Kb / 7P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2113L ONSEMI-MMUN2113L Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MMUN2113L ONSEMI-MMUN2113L Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
MMUN2113L ONSEMI-MMUN2113L Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
logo
Motorola, Inc
MMUN2113LT1 MOTOROLA-MMUN2113LT1 Datasheet
267Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
More results

Similar Description - MMUN2113

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com