Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMUN2214 Datasheet(PDF) 7 Page - Weitron Technology

Part # MMUN2214
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2214 Datasheet(HTML) 7 Page - Weitron Technology

Back Button MMUN2214 Datasheet HTML 2Page - Weitron Technology MMUN2214 Datasheet HTML 3Page - Weitron Technology MMUN2214 Datasheet HTML 4Page - Weitron Technology MMUN2214 Datasheet HTML 5Page - Weitron Technology MMUN2214 Datasheet HTML 6Page - Weitron Technology MMUN2214 Datasheet HTML 7Page - Weitron Technology MMUN2214 Datasheet HTML 8Page - Weitron Technology MMUN2214 Datasheet HTML 9Page - Weitron Technology MMUN2214 Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
WEITRON
http://www.weitron.com.tw
MMUN2211 Series
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2214
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
10 15 20 25 30 35 40 45 50
VR, REVERSE BIAS VOL TAGE (VOLTS)
Figure 19. Output Capacitance
f = 1 MHz
lE = 0 A
TA = 25
100
10
1
0
2
4
6
8
10
Figure 20. Output Current vs. Input V oltage
Vin, INPUT VOLTAGE (VOL TS)
VO = 5 V
TA = -25
75
25
10
1
0.1
0
10
20
30
40
50
Figure 21. Input Voltage vs. Output Current
IC, COLLECTOR CURRENT (mA)
VO = 0.2 V
TA = -25
75
25
MMUN2232
TA = 75
IC/IB =10
12
1
0.1
0.001
16
8
4
2
0
IC, COLLECTOR CURRENT (mA)
0.01
24
28
-25
25
Figure 22. VCE(sat) vs. IC
Figure 23. DC Current Gain
VCE = 10 V
0
1000
100
25
50
10
100
1
75
IC, COLLECTOR CURRENT (mA)
TA = 75
-25
25
125


Similar Part No. - MMUN2214

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2214 WEITRON-MMUN2214 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
Jiangsu High diode Semi...
MMUN2214 HDSEMI-MMUN2214 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2214L ONSEMI-MMUN2214L Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
August, 2012 ??Rev. 0
MMUN2214L ONSEMI-MMUN2214L Datasheet
150Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 47 k
November, 2013 ??Rev. 3
MMUN2214L ONSEMI-MMUN2214L Datasheet
141Kb / 12P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results

Similar Description - MMUN2214

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com