Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F3040 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 74F3040
Description  Dual 4-input NAND 30 ohm line driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F3040 Datasheet(HTML) 1 Page - NXP Semiconductors

  74F3040 Datasheet HTML 1Page - NXP Semiconductors 74F3040 Datasheet HTML 2Page - NXP Semiconductors 74F3040 Datasheet HTML 3Page - NXP Semiconductors 74F3040 Datasheet HTML 4Page - NXP Semiconductors 74F3040 Datasheet HTML 5Page - NXP Semiconductors 74F3040 Datasheet HTML 6Page - NXP Semiconductors 74F3040 Datasheet HTML 7Page - NXP Semiconductors 74F3040 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips
Semiconductors
74F3040
Dual 4-input NAND 30
Ω line driver
Product specification
IC15 Data Handbook
1990 Jan 29
INTEGRATED CIRCUITS


Similar Part No. - 74F3040

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F30 PHILIPS-74F30 Datasheet
68Kb / 8P
   8-input NAND gate
1989 Mar 03
logo
Fairchild Semiconductor
74F30 FAIRCHILD-74F30 Datasheet
48Kb / 4P
   8-Input NAND Gate
74F30 FAIRCHILD-74F30 Datasheet
66Kb / 5P
   8-Input NAND Gate
logo
NXP Semiconductors
74F30240 PHILIPS-74F30240 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
74F30244 PHILIPS-74F30244 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
More results

Similar Description - 74F3040

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74S140 TI-74S140 Datasheet
88Kb / 1P
[Old version datasheet]   DUAL 4-INPUT NAND LINE DRIVER
logo
Fairchild Semiconductor
DM74S140 FAIRCHILD-DM74S140 Datasheet
35Kb / 3P
   Dual 4-Input NAND 50??Line Driver
logo
NXP Semiconductors
74F3038 PHILIPS-74F3038 Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
logo
Texas Instruments
SN54S140 TI1-SN54S140_14 Datasheet
835Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
SN54S140 TI-SN54S140 Datasheet
506Kb / 12P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND 50-OHM LINE DRIVERS
logo
STMicroelectronics
74VHC20 STMICROELECTRONICS-74VHC20 Datasheet
51Kb / 7P
   DUAL 4-INPUT NAND GATE
June 1999
M74HC20 STMICROELECTRONICS-M74HC20 Datasheet
172Kb / 8P
   DUAL 4-INPUT NAND GATE
logo
Fairchild Semiconductor
74AC20 FAIRCHILD-74AC20_05 Datasheet
99Kb / 7P
   Dual 4-Input NAND Gate
logo
Unisonic Technologies
U74HCT20 UTC-U74HCT20_15 Datasheet
167Kb / 4P
   DUAL 4-INPUT NAND GATES
logo
ON Semiconductor
MC74HCT20A ONSEMI-MC74HCT20A Datasheet
121Kb / 6P
   Dual 4-Input NAND Gate
March, 2011 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com