Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9012 Datasheet(PDF) 1 Page - Weitron Technology

Part # S9012
Description  PNP General Purpose Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S9012 Datasheet(HTML) 1 Page - Weitron Technology

  S9012 Datasheet HTML 1Page - Weitron Technology S9012 Datasheet HTML 2Page - Weitron Technology S9012 Datasheet HTML 3Page - Weitron Technology S9012 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
Value
Unit
Vdc
Vdc
Vdc
mAdc
Rating
S9012
Tstg
PCM
C
C
WEITRON
http://www.weitron.com.tw
PNP General Purpose Transistors
(Ta=25 C)
-40
-5
-500
-25
Total Device Dissipation T =25 C
0.625
W
Junction Temperature
T j
150
Storage, Temperature
-55 to +150
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -100 uAdc, IC=0)
Collector Cutoff Current (VCE= -20 Vdc, I =0)
Collector Cutoff Current (VCB= -40 Vdc, IE=0)
Emitter Cutoff Current (VEB= -5.0V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICE0
ICBO
IEBO
-5
-
-
-
-
-
-
-0.1
Vdc
Vdc
Vdc
uAdc
uAdc
uAdc
-25
-40
-0.1
-0.1
d
B
C
Lead(Pb)-Free
P b


Similar Part No. - S9012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9012 ETC-S9012 Datasheet
940Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
S9012 SECOS-S9012 Datasheet
239Kb / 1P
   PNP Silicon General Purpose Transistor
logo
Galaxy Semi-Conductor H...
S9012 BILIN-S9012 Datasheet
184Kb / 4P
   PNP Silicon Epitaxial Planar Transistor
logo
SHENZHEN SLS TECHNOLOGY...
S9012 SHENZHENSLS-S9012 Datasheet
682Kb / 2P
   Plastic-Encapsulate Transistors
logo
Daya Electric Group Co....
S9012 DAYA-S9012 Datasheet
175Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - S9012

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SS8550LT1 WEITRON-SS8550LT1 Datasheet
404Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
   PNP general purpose transistors
1999 Apr 20
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
   PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 May 31
logo
Weitron Technology
A1015 WEITRON-A1015 Datasheet
720Kb / 4P
   PNP General Purpose Transistors
2SA1036K WEITRON-2SA1036K Datasheet
209Kb / 4P
   PNP General Purpose Transistors
logo
NXP Semiconductors
BC857BW115 NXP-BC857BW115 Datasheet
163Kb / 10P
   PNP general purpose transistors
2002 Feb 04
BCW69 PHILIPS-BCW69_15 Datasheet
119Kb / 6P
   PNP general purpose transistors
2004 Feb 06
logo
First Components Intern...
2N3905 FCI-2N3905_6 Datasheet
77Kb / 2P
   PNP General Purpose Transistors
logo
Weitron Technology
KTA1505 WEITRON-KTA1505 Datasheet
411Kb / 3P
   PNP General Purpose Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com