Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC7.0 Datasheet(PDF) 3 Page - Weitron Technology

Part # SAC7.0
Description  Low Capacitance Tranient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SAC7.0 Datasheet(HTML) 3 Page - Weitron Technology

  SAC7.0 Datasheet HTML 1Page - Weitron Technology SAC7.0 Datasheet HTML 2Page - Weitron Technology SAC7.0 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
SAC 5.0 thru SAC 50
FIG.2- PULSE DERATING CURVE
0
50
100
150
175
0
25
50
75
100
FIG.3- PULSE WAVEFORM
0
0
1.0
2.0
3.0
4.0
100
150
50
T =25 C
Pulse Width (td)
is defined sa the point
where the peak current
decays to 50% of l
j
0
PPM
td
tr=10 sec.
10/1000 sec. Waveform
as defined by R.E.A.
Peak Value
lPPM
HALF VALUE - IPP
lPPM
2
FIG.1- PEAK PULSE POWER RATING CURVE
0.1 s
100 s
1.0ms
10ms
10 s
1.0 s
0.1
30
10
1.0
Non-repetitive Pulse
Waveform shown in Fig.3
T =25 C
A
0
Impulse
Exponential
Decay
Half Sine
Square
CurrentWaveform
td
td
PPK
PPK
PPK". 5"
td
td=7tp
Average Power
Peak Power
(single pulse)
Low Capacitance
TVS
Application Note: Device must be used with two units
opposite in polarity as shown in circuit for AC
signal line protection
in parallel,
FIG. 4 - AC Line Protection Application
tp, Pulse Width, (sec.)
T , Lead Temperature( C)
L
t-Time(ms)


Similar Part No. - SAC7.0

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC7.0 EIC-SAC7.0 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Micro Commercial Compon...
SAC7.0 MCC-SAC7.0 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC7.0 NJSEMI-SAC7.0 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC7.0 TSC-SAC7.0 Datasheet
83Kb / 4P
   Low Capacitance Transient Voltage Suppressor Diodes
logo
Ruilongyuan Electronics...
SAC7.0 RUILON-SAC7.0 Datasheet
685Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SAC7.0

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com