Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAC30 Datasheet(PDF) 1 Page - Weitron Technology

Part # SAC30
Description  Low Capacitance Tranient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SAC30 Datasheet(HTML) 1 Page - Weitron Technology

  SAC30 Datasheet HTML 1Page - Weitron Technology SAC30 Datasheet HTML 2Page - Weitron Technology SAC30 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
WEITRON
http://www.weitron.com.tw
SAC 5.0 thru SAC 50
Low Capacitance Tranient Voltage Suppressor
Feature:
* Plastic package has underwriters laboratory
Flammability classification 94V- 0.
* Glass passivated junction.
* 500w peak pulse power capability with a 10/100 us waveform
Repetition rate(duty cycle):0.01 %.
* Excellent clamping capability.
* Low incremental surge resistance.
* Fast response time: t 1.0 ns @ 0 V to V
(typ).
* Ideal for data line applications.
* High temperature soldering guaranteed: 265 C/10sec, 0.375"(9.5mm)
lead length, 51bs, (2.3kg)tension.
Mechanical Data:
* Case: JEDEC DO-15 molded plastic over a passivated junction.
* Terminal: Solder plated axial leads solderable per.
MIL-STD-750, method 2026
* Polarity: Color band denotes positive end (cathode).
* Mounting position: Any.
* Weight: 0.015 Ounce, 0.4 gram.
Dim
DO-15
Min
Min
Min
Min
25.4
Max
Max
Max
Max
-
A
B
5.8
7.6
C
0.71
0.86
2.6
3.6
D
Peak Pulse Power
500 Watts
Sand-off Voltage
5.0 to 50 Volts
Schematic
Diode
TVS
Unit: mm
DO-15 Outline Dimensions
DO-15
(DO-204AC)
(BR)
_
Axial Device


Similar Part No. - SAC30

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC30 EIC-SAC30 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
Micro Commercial Compon...
SAC30 MCC-SAC30 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
SAC30 NJSEMI-SAC30 Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Taiwan Semiconductor Co...
SAC30 TSC-SAC30 Datasheet
83Kb / 4P
   Low Capacitance Transient Voltage Suppressor Diodes
logo
Ruilongyuan Electronics...
SAC30 RUILON-SAC30 Datasheet
685Kb / 7P
   Transient Voltage Suppressors
More results

Similar Description - SAC30

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com