Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSD461F Datasheet(PDF) 2 Page - Weitron Technology

Part # WSD461F
Description  Surface Mount Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WSD461F Datasheet(HTML) 2 Page - Weitron Technology

  WSD461F Datasheet HTML 1Page - Weitron Technology WSD461F Datasheet HTML 2Page - Weitron Technology WSD461F Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WEITRON
Maximum Ratings (TA=25˚C Unless otherwise noted)
Characteristic
Reverse Voltage
Average Rectifier Forward Current1
Peak Forward Surge Current1
Power Dissipation @TA=25˚C
Operating Junction Temperature Range
Storage Temperature Range
Symbol
VR
IO
PD
TJ
Tstg
Unit
700
150
+150
-55 to +150
V
mA
IFSM
3.0
A
mW
˚C
˚C
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
WSD461F
3B
Electrical Characteristics (TA=25˚C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage
IR=1.0mA
Forward Voltage
IF=700mA
Reverse Leakage
VR=20V
V(BR)
VF
IR
Min
Typ
Max
Unit
20
-
-
-
-
-
-
0.49
200
V
V
µA
http://www.weitron.com.tw
WSD461F
Value
20
2/3
09-Jan-06
60Hz for 1
Note:1.


Similar Part No. - WSD461F

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD400 WEITRON-WSD400 Datasheet
151Kb / 3P
   Surface Mount Schottky Barrier Diode
logo
Shenzhen Guan Hua Wei Y...
WSD40120DN56G WIINSOK-WSD40120DN56G Datasheet
2Mb / 5P
   N-Ch MOSFET
WSD4018DN22 WIINSOK-WSD4018DN22 Datasheet
2Mb / 6P
   P-Ch MOSFET
WSD4032DN WIINSOK-WSD4032DN Datasheet
754Kb / 7P
   N-Ch MOSFET
WSD4038DN WIINSOK-WSD4038DN Datasheet
1Mb / 7P
   N-Ch MOSFET
More results

Similar Description - WSD461F

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS40 WEITRON-BAS40 Datasheet
203Kb / 2P
   Surface Mount Schottky Barrier Diodes
SD103AW WEITRON-SD103AW Datasheet
79Kb / 3P
   Surface Mount Schottky Barrier Diodes
WSD751S WEITRON-WSD751S Datasheet
560Kb / 3P
   Surface Mount Schottky Barrier Diodes
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
   Surface Mount Schottky Barrier Diodes
logo
Pan Jit International I...
SD103AW PANJIT-SD103AW Datasheet
62Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
BAS40 PACELEADER-BAS40 Datasheet
336Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70 PACELEADER-BAS70 Datasheet
346Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
BAS70W PACELEADER-BAS70W Datasheet
673Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Continental Device Indi...
BAS70W CDIL-BAS70W Datasheet
346Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
PACELEADER INDUSTRIAL
PSD490 PACELEADER-PSD490 Datasheet
173Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
PSD520S-40 PACELEADER-PSD520S-40 Datasheet
396Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com