Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBN6301 Datasheet(PDF) 5 Page - Tachyonics CO,. LTD

Part # TBN6301
Description  NPN SILICON RF TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TBN6301 Datasheet(HTML) 5 Page - Tachyonics CO,. LTD

  TBN6301 Datasheet HTML 1Page - Tachyonics CO,. LTD TBN6301 Datasheet HTML 2Page - Tachyonics CO,. LTD TBN6301 Datasheet HTML 3Page - Tachyonics CO,. LTD TBN6301 Datasheet HTML 4Page - Tachyonics CO,. LTD TBN6301 Datasheet HTML 5Page - Tachyonics CO,. LTD TBN6301 Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Page 5 of 6
http://www.tachyonics.co.kr
March. 2005.
Rev. 1.0
Preliminary Specification
TBN6301 series
Insertion Power Gain
vs. Collector Current
Maximum Available Gain
vs. Collector Current
1
10
100
0
2
4
6
8
10
12
14
16
Collector Current, I
C
(mA)
V
CE
= 3 V
V
CE
= 5 V
V
CE
= 7 V
f = 1 GHz
110
100
0
5
10
15
20
Collector Current, I
C
(mA)
V
CE
= 3 V
V
CE
= 5 V
V
CE
= 7 V
f = 1 GHz


Similar Part No. - TBN6301

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN6301 AUK-TBN6301 Datasheet
213Kb / 6P
   Si NPN Transistor
TBN6301E AUK-TBN6301E Datasheet
213Kb / 6P
   Si NPN Transistor
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
   Si NPN Transistor
TBN6301U AUK-TBN6301U Datasheet
213Kb / 6P
   Si NPN Transistor
More results

Similar Description - TBN6301

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com