Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBN6301KF Datasheet(PDF) 1 Page - Tachyonics CO,. LTD

Part # TBN6301KF
Description  NPN SILICON RF TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TBN6301KF Datasheet(HTML) 1 Page - Tachyonics CO,. LTD

  TBN6301KF Datasheet HTML 1Page - Tachyonics CO,. LTD TBN6301KF Datasheet HTML 2Page - Tachyonics CO,. LTD TBN6301KF Datasheet HTML 3Page - Tachyonics CO,. LTD TBN6301KF Datasheet HTML 4Page - Tachyonics CO,. LTD TBN6301KF Datasheet HTML 5Page - Tachyonics CO,. LTD TBN6301KF Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
- High gain bandwidth product
f
T = 6 GHz @ VCE = 3 V, IC = 10 mA
f
T = 7.5 GHz @ VCE = 5 V, IC = 20 mA
- High power gain
|S
21|
2 = 9 dB @ V
CE = 3 V, IC = 10 mA, f = 1 GHz
- Low noise figure
NF = 1.4 dB @ V
CE = 3 V, IC = 10 mA, f = 1 GHz
Applications
- UHF and VHF wide band amplifier
Page 1 of 6
http://www.tachyonics.co.kr
Dec. 2005.
Rev. 1.0
NPN SILICON RF TRANSISTOR
Preliminary Specification
TBN6301 series
□ Absolute Maximum Ratings (T
A = 25 ℃)
Collector to Base Voltage
Collector to Emitter Voltage
Emitter to Base Voltage
Collector Current
Total Power Dissipation
Operating Junction Temperature
Storage Temperature
150
IC
75
mA
mW
Unit
BVCBO
20
V
Parameter
Symbol
Ptot
150
Ratings
Tstg
-65 ~ 150
V
BVEBO
3
V
BVCEO
8
Tj
Caution : Electro Static Discharge sensitive device
SOT323
Pin Configuration (TBN6301U)
1. Base
2. Emitter
3. Collector
Unit in mm
2.1±0.1
1.25±0.05
1
2
3
0.1 Min.


Similar Part No. - TBN6301KF

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN6301 AUK-TBN6301 Datasheet
213Kb / 6P
   Si NPN Transistor
TBN6301E AUK-TBN6301E Datasheet
213Kb / 6P
   Si NPN Transistor
TBN6301S AUK-TBN6301S Datasheet
213Kb / 5P
   Si NPN Transistor
TBN6301U AUK-TBN6301U Datasheet
213Kb / 6P
   Si NPN Transistor
More results

Similar Description - TBN6301KF

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com