Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBN6301U Datasheet(PDF) 4 Page - Tachyonics CO,. LTD

Part # TBN6301U
Description  NPN SILICON RF TRANSISTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

TBN6301U Datasheet(HTML) 4 Page - Tachyonics CO,. LTD

  TBN6301U Datasheet HTML 1Page - Tachyonics CO,. LTD TBN6301U Datasheet HTML 2Page - Tachyonics CO,. LTD TBN6301U Datasheet HTML 3Page - Tachyonics CO,. LTD TBN6301U Datasheet HTML 4Page - Tachyonics CO,. LTD TBN6301U Datasheet HTML 5Page - Tachyonics CO,. LTD TBN6301U Datasheet HTML 6Page - Tachyonics CO,. LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Page 4 of 6
http://www.tachyonics.co.kr
March. 2005.
Rev. 1.0
Preliminary Specification
TBN6301 series
Base Current, Collector Current
vs. Base to Emitter Voltage
Gain Bandwidth Product
vs. Collector Current
Insertion Power Gain
vs. Frequency
Collector Current
vs. Collector to Emitter Voltage
0.00.1
0.20.3
0.40.5
0.60.7
0.80.9
10
-9
10
-8
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
V
CE
= 3 V
Base to Emitter Voltage, V
BE
(V)
01
23
456
0
10
20
30
40
50
60
70
I
B
Step = 50 µA
Collector to Emitter Voltage, V
CE
(V)
0.1
1
0
5
10
15
20
25
30
V
CE
= 3 V
I
C
= 10 mA
Frequency (GHz)
110
100
0
2
4
6
8
10
12
14
Collector Current, I
C
(mA)
V
CE
= 3 V
V
CE
= 5 V
V
CE
= 7 V


Similar Part No. - TBN6301U

ManufacturerPart #DatasheetDescription
logo
AUK corp
TBN6301U AUK-TBN6301U Datasheet
213Kb / 6P
   Si NPN Transistor
More results

Similar Description - TBN6301U

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BF505 SIEMENS-BF505 Datasheet
36Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Advanced Semiconductor
MRF901 ASI-MRF901 Datasheet
35Kb / 1P
   NPN SILICON RF TRANSISTOR
logo
Siemens Semiconductor G...
BF503 SIEMENS-BF503 Datasheet
35Kb / 2P
   NPN SILICON RF TRANSISTOR
logo
Infineon Technologies A...
BF771 INFINEON-BF771 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF771W INFINEON-BF771W Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF772 INFINEON-BF772 Datasheet
27Kb / 3P
   NPN Silicon RF Transistor
Jun-27-2001
BF775 INFINEON-BF775 Datasheet
70Kb / 3P
   NPN Silicon RF Transistor
Nov-30-2000
BFG196 INFINEON-BFG196 Datasheet
60Kb / 6P
   NPN Silicon RF Transistor
Jun-27-2001
BFG235 INFINEON-BFG235 Datasheet
99Kb / 6P
   NPN Silicon RF Transistor
Oct-27-1999
BFP182W INFINEON-BFP182W Datasheet
77Kb / 7P
   NPN Silicon RF Transistor
Aug-09-2001
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com