Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL77-2F-48 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # TL77-2F-48
Description  PCB PLUG-IN TRANSFORMER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL77-2F-48 Datasheet(HTML) 2 Page - DB Lectro Inc

  TL77-2F-48 Datasheet HTML 1Page - DB Lectro Inc TL77-2F-48 Datasheet HTML 2Page - DB Lectro Inc TL77-2F-48 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCB PLUG-IN
TRANSFORMER
Part Number
Secondary RMS Rating
Product
Series
Single 115V
(6 Pins)
Dual 115 /230V
(8 Pins)
Series
Parallel
1.1VA
TL77-2F-10
TL77-2F-12
TL77-2F-16
TL77-2F-20
TL77-2F-24
TL77-2F-28
TL77-2F-36
TL77-2F-48
TL77-2F-56
TL77-2F-120
TL77-2F-10D
TL77-2F-12D
TL77-2F-16D
TL77-2F-20D
TL77-2F-24D
TL77-2F-28D
TL77-2F-36D
TL77-2F-48D
TL77-2F-56D
TL77-2F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@0.11A
@0.09A
@0.07A
@0.055A
@0.045A
@0.04A
@0.03A
@0.023A
@0.02A
@0.01A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@0.22A
@0.18A
@0.14A
@0.11A
@0.09A
@0.08A
@0.06A
@0.046A
@0.04A
@0.02A
2.4VA
TL77-3F-10
TL77-3F-12
TL77-3F-16
TL77-3F-20
TL77-3F-24
TL77-3F-28
TL77-3F-36
TL77-3F-48
TL77-3F-56
TL77-3F-120
TL77-3F-10D
TL77-3F-12D
TL77-3F-16D
TL77-3F-20D
TL77-3F-24D
TL77-3F-28D
TL77-3F-36D
TL77-3F-48D
TL77-3F-56D
TL77-3F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@0.25A
@0.2A
@0.15A
@0.12A
@0.1A
@0.085A
@0.065A
@0.05A
@0.045A
@0.02A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@0.5A
@0.4A
@0.3A
@0.24A
@0.2A
@0.17A
@0.13A
@0.1A
@0.09A
@0.04A
6VA
TL77-4F-10
TL77-4F-12
TL77-4F-16
TL77-4F-20
TL77-4F-24
TL77-4F-28
TL77-4F-36
TL77-4F-48
TL77-4F-56
TL77-4F-120
TL77-4F-10D
TL77-4F-12D
TL77-4F-16D
TL77-4F-20D
TL77-4F-24D
TL77-4F-28D
TL77-4F-36D
TL77-4F-48D
TL77-4F-56D
TL77-4F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@0.6A
@0.5A
@0.4A
@0.3A
@0.25A
@0.2A
@0.17A
@0.125A
@0.11A
@0.05A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@1.2A
@1A
@0.8A
@0.6A
@0.5A
@0.4A
@0.34A
@0.25A
@0.22A
@0.1A
12VA
TL77-5F-10
TL77-5F-12
TL77-5F-16
TL77-5F-20
TL77-5F-24
TL77-5F-28
TL77-5F-36
TL77-5F-48
TL77-5F-56
TL77-5F-120
TL77-5F-10D
TL77-5F-12D
TL77-5F-16D
TL77-5F-20D
TL77-5F-24D
TL77-5F-28D
TL77-5F-36D
TL77-5F-48D
TL77-5F-56D
TL77-5F-120D
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
28V C.T.
36V C.T.
48V C.T.
56V C.T.
120V C.T.
@1.2A
@1.0A
@0.8A
@0.6A
@0.5A
@0.42A
@0.35A
@0.25A
@0.22A
@0.1A
5V
6.3V
8V
10V
12V
14V
18V
24V
28V
60V
@2.4A
@2A
@1.6A
@1.2A
@1A
@0.84A
@0.7A
@0.5A
@0.44A
@0.2A
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - TL77-2F-48

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AC STMICROELECTRONICS-TL77-AC Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
67Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
TL77-AI STMICROELECTRONICS-TL77-AI Datasheet
50Kb / 7P
   SUPPLY VOLTAGE SUPERVISORS
More results

Similar Description - TL77-2F-48

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1017620000 WEIDMULLER-1017620000 Datasheet
75Kb / 4P
   PCB plug-in connectors
logo
TE Connectivity Ltd
V23134-A0052-C643 TEC-V23134-A0052-C643 Datasheet
481Kb / 4P
   Plug-in or PCB terminals
logo
Weidmuller
1483050000 WEIDMULLER-1483050000 Datasheet
131Kb / 2P
   PCB plug-in connector, Accessories
logo
WAGO Kontakttechnik Gmb...
855-305-050-103 WAGO-855-305-050-103 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
855-305-100-209 WAGO-855-305-100-209 Datasheet
597Kb / 5P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043870000 WEIDMULLER-1043870000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
1043820000 WEIDMULLER-1043820000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 17, 2021
logo
WAGO Kontakttechnik Gmb...
855-305-060-101 WAGO-855-305-060-101 Datasheet
577Kb / 6P
   Plug-in current transformer; Primary rated current
logo
Weidmuller
1043800000 WEIDMULLER-1043800000 Datasheet
1Mb / 11P
   PCB plug-in connector, female plug, 7.62 mm
September 16, 2021
logo
American Electronic Com...
DG84 AEC-DG84 Datasheet
269Kb / 3P
   micro plug-in/pcb automotive relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com