Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT2305A Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT2305A
Description  3.3V ZERO DELAY CLOCK BUFFER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT2305A Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT2305A Datasheet HTML 1Page - Integrated Device Technology IDT2305A Datasheet HTML 2Page - Integrated Device Technology IDT2305A Datasheet HTML 3Page - Integrated Device Technology IDT2305A Datasheet HTML 4Page - Integrated Device Technology IDT2305A Datasheet HTML 5Page - Integrated Device Technology IDT2305A Datasheet HTML 6Page - Integrated Device Technology IDT2305A Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
COMMERCIALANDINDUSTRIALTEMPERATURERANGES
IDT2305A
3.3VZERODELAYCLOCKBUFFER
ORDERING INFORMATION
Ordering Code
PackageType
Operating Range
IDT2305A-1DC
8-Pin SOIC
Commercial
IDT2305A-1DCG
8-Pin SOIC
Commercial
IDT2305A-1DCGI
8-Pin SOIC
Industrial
IDT2305A-1DCI
8-Pin SOIC
Industrial
IDT2305A-1HDC
8-Pin SOIC
Commercial
IDT2305A-1HDCG
8-Pin SOIC
Commercial
IDT2305A-1HDCGI
8-Pin SOIC
Industrial
IDT2305A-1HDCI
8-Pin SOIC
Industrial
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
logichelp@idt.com
Santa Clara, CA 95054
fax: 408-492-8674
(408) 654-6459
www.idt.com
IDT
XXXXX
XX
X
Package
Process
Device Type
2305A-1
2305A-1H
Zero Delay Clock Buffer with High Drive
DC
DCG
Small Outline IC
SOIC - Green
Blank
I
Commercial (0oC to +70oC)
Industrial (-40oC to +85oC)


Similar Part No. - IDT2305A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results

Similar Description - IDT2305A

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com