Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL66-6F-20 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # TL66-6F-20
Description  TWIN-BOBBIN TRANSFORMER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL66-6F-20 Datasheet(HTML) 2 Page - DB Lectro Inc

  TL66-6F-20 Datasheet HTML 1Page - DB Lectro Inc TL66-6F-20 Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TWIN-BOBBIN
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
2VA
TL66-2F-10
TL66-2F-12
TL66-2F-16
TL66-2F-20
TL66-2F-24
TL66-2F-30
TL66-2F-34
TL66-2F-40
TL66-2F-56
TL66-2F-88
TL66-2F-120
TL66-2F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@0.25A
@0.2A
@0.15A
@0.12A
@0.1A
@0.085A
@0.075A
@0.06A
@0.045A
@0.028A
@0.02A
@0.01A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@0.5A
@0.4A
@0.3A
@0.25A
@0.2A
@0.17A
@0.15A
@0.12A
@0.09A
@0.056A
@0.04A
@0.02A
6VA
TL66-6F-10
TL66-6F-12
TL66-6F-16
TL66-6F-20
TL66-6F-24
TL66-6F-30
TL66-6F-34
TL66-6F-40
TL66-6F-56
TL66-6F-88
TL66-6F-120
TL66-6F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@0.6A
@0.45A
@0.35A
@0.3A
@0.25A
@0.2A
@0.17A
@0.15A
@0.1A
@0.065A
@0.05A
@0.025A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@1.2A
@0.9A
@0.7A
@0.6A
@0.5A
@0.4A
@0.34A
@0.3A
@0.2A
@0.13A
@0.1A
@0.05A
12VA
TL66-12F-10
TL66-12F-12
TL66-12F-16
TL66-12F-20
TL66-12F-24
TL66-12F-30
TL66-12F-34
TL66-12F-40
TL66-12F-56
TL66-12F-88
TL66-12F-120
TL66-12F-230
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
88V C.T.
120V C.T.
230V C.T.
@1.2A
@0.9A
@0.7A
@0.6A
@0.5A
@0.4A
@0.34A
@0.3A
@0.2A
@0.13A
@0.1A
@0.05A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
44V
60V
115V
@2.4A
@1.8A
@1.4A
@1.2A
@1A
@0.8A
@0.68A
@0.6A
@0.4A
@0.26A
@0.2A
@0.1A
48VA
TL66-48F-10
TL66-48F-12
TL66-48F-16
TL66-48F-20
TL66-48F-24
TL66-48F-30
TL66-48F-34
TL66-48F-40
TL66-48F-56
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V C.T.
12.6V C.T.
16V C.T.
20V C.T.
24V C.T.
30V C.T.
34V C.T.
40V C.T.
56V C.T.
@4.8A
@3.8A
@3A
@2.4A
@2A
@1.6A
@1.4A
@1.2A
@0.85A
5V
6.3V
8V
10V
12V
15V
17V
20V
28V
@9.6A
@7.6A
@6A
@4.8A
@4A
@3.2A
@2.8A
@2.4A
@1.7A
3600 boul. Matte suite iBrossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - TL66-6F-20

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL6 TIMOTION-TL6 Datasheet
545Kb / 6P
   Max. load 700N (push)
20220517-G
logo
STMicroelectronics
TL6006 STMICROELECTRONICS-TL6006 Datasheet
262Kb / 4P
   SCR
March 1995
logo
Texas Instruments
TL601 TI-TL601 Datasheet
307Kb / 6P
[Old version datasheet]   P MOS ANALOG SWITCHES
logo
Transko Electronics, In...
TL6011V TRANSKO-TL6011V Datasheet
572Kb / 4P
   60.00 MHz IF SAW Filter / 12.0 MHz Bandwidth
Revision 1: 15 Nov. 2007
logo
Texas Instruments
TL601CP TI1-TL601CP Datasheet
125Kb / 9P
[Old version datasheet]   P-MOS ANALOG SWITCHES
More results

Similar Description - TL66-6F-20

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
TL88-025-10 DBLECTRO-TL88-025-10 Datasheet
189Kb / 2P
   SPLIT-BOBBIN TRANSFORMER
logo
Wabash Transformer Inc.
PSX-012-10 WABASH-PSX-012-10 Datasheet
668Kb / 2P
   Split Bobbin Power Transformer
P24H-11-24 WABASH-P24H-11-24 Datasheet
512Kb / 1P
   Split Bobbin Isolation Transformer
P24X-24-24 WABASH-P24X-24-24 Datasheet
535Kb / 1P
   Split Bobbin Isolation Transformer
PSH-11-10 WABASH-PSH-11-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
logo
PowerVolt Inc.
DSZ3-24 POWERVOLT-DSZ3-24 Datasheet
104Kb / 1P
   Split Bobbin Printed Circuit Power Transformer
logo
FERYSTER Inductive Comp...
EFD-20-K-H-10P FERYSTER-EFD-20-K-H-10P Datasheet
93Kb / 1P
   EFD Bobbin
EFD-15-K-10P-4S FERYSTER-EFD-15-K-10P-4S Datasheet
112Kb / 1P
   EFD Bobbin
EFD-25-K-10P-EP FERYSTER-EFD-25-K-10P-EP Datasheet
187Kb / 1P
   EFD Bobbin
EFD-20-K-8P FERYSTER-EFD-20-K-8P Datasheet
64Kb / 1P
   EFD Bobbin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com