Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

636N3C Datasheet(PDF) 1 Page - CTS Corporation

Part # 636N3C
Description  CMOS/TTL CLOCK OSCILLATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

636N3C Datasheet(HTML) 1 Page - CTS Corporation

  636N3C Datasheet HTML 1Page - CTS Corporation 636N3C Datasheet HTML 2Page - CTS Corporation 636N3C Datasheet HTML 3Page - CTS Corporation 636N3C Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CMOS/TTL CLOCK OSCILLATOR
Document No. 008-0250-0
Page 1 - 4
Rev. C
٠ ٠ ٠ CTS Communications Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ Phone 630-924-3500 ٠ www.ctscorp.com ٠ Toll Free 800-757-6686 ٠ ٠ ٠
Model 636
Technical Data
FEATURES
• Standard 5x3.2mm Surface Mount Footprint
• CMOS/TTL Compatible
• Frequency Range 1.0 – 125 MHz
• Frequency Stability, ±50 ppm Standard
(±25 ppm and ±20 ppm available)
• +1.8Vdc, +2.5Vdc, +3.3Vdc or +5.0Vdc
Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Standard
• Tape & Reel Packaging
• RoHS Compliant
ORDERING INFORMATION
636
M
SUPPLY VOLTAGE
FREQUENCY IN MHz
M - indicates MHz and decimal point.
Frequency is recorded with minimum 5
significant digits to the right of the "M".
M = +1.8V
N = +2.5Vdc
L = +3.3Vdc
S = +5.0Vdc
OPERATING TEMPERATURE RANGE
FREQUENCY STABILITY
C = -20°C to +70°C (standard)
I = -40°C to +85°C
6 = ± 20 ppm (-20°C to +70°C only)
5 = ± 25 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm (-40°C to +85°C only)
Example Part Number: 636L3C032M76800
DESCRIPTION
The Model 636 is a ceramic packaged Clock
oscillator offering reduced size and enhanced
stability. The small size means it is perfect for
any application. The enhanced stability means it
is the perfect choice for today’s communications
applications that require tight frequency control.


Similar Part No. - 636N3C

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
636 MALLORY-636 Datasheet
156Kb / 1P
   4-Stage RPM Activated Switch
logo
Oscilent Corporation
636 OSCILENT-636 Datasheet
141Kb / 2P
   Low Frequencies
logo
List of Unclassifed Man...
636 ETC2-636 Datasheet
61Kb / 1P
   Bright back lit LCD
logo
Oscilent Corporation
636-680K OSCILENT-636-680K Datasheet
141Kb / 2P
   Low Frequencies
logo
Molex Electronics Ltd.
63600-0021 MOLEX-63600-0021 Datasheet
544Kb / 6P
   FineAdjust Applicator for Ultra-Fit Tangless Crimp Terminals
04-26-22
More results

Similar Description - 636N3C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
SXO1000T WK-SXO1000T Datasheet
44Kb / 1P
   TTL CLOCK-OSCILLATOR
logo
Fox Electronics
F1100H FOX-F1100H Datasheet
119Kb / 1P
   TTL CLOCK OSCILLATOR
logo
CTS Corporation
CB2V5 CTS-CB2V5 Datasheet
127Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
632 CTS-632 Datasheet
148Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
CB3-3I-12M CTS-CB3-3I-12M Datasheet
216Kb / 3P
   HCMOS/TTL Clock Oscillator
logo
Vectron International, ...
PX-422 VECTRON-PX-422 Datasheet
932Kb / 6P
   Hybrid TTL Clock Oscillator
logo
CTS Corporation
CB3LV CTS-CB3LV Datasheet
123Kb / 4P
   HCMOS/TTL CLOCK OSCILLATOR
logo
Fox Electronics
F1100E FOX-F1100E Datasheet
87Kb / 1P
   5.0V TTL CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com