Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5063JD Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 5063JD
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  5063JD Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2000 Aug 08
4
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the
E24 or E96 series for resistors with a tolerance of
±5% or ±1%.
The values of the E24 series are in accordance with
“IEC publication 60063”.
Limiting values
Note
1. The maximum voltage that may be continuously
applied to the resistor element, see
“IEC publication 60 115-1”.
DERATING
The power that the resistor can dissipate depends on the
operating temperature; see Figs 1 and 2.
TYPE
LIMITING
VOLTAGE(1)
(V)
LIMITING
POWER
(W)
5063JD
200
0.40
JW35
100
120
40
80
Tamb( C)
o
(%P
)
rated
0
60
0.2
0.4
155
140
Pmax
Fig.1 Derating curve, normal operation.
Fig.2 Derating curve, long term operation.
JW36
100
120
40
80
Tamb( C)
o
(%P
)
rated
0
60
0.2
0.4
160
140
Pmax
NOISE
The current noise is measured in accordance with
“DIN 44049 Part 1 and IEC 600195”. Maximum values are
for 99.8% of all resistors; see Fig 3.
3.0
2.0
0.5
1.0
0.2
0.05
10 k
200 k
R (
Ω)
JW39
1 M
20 M
10 M
noise
level
µV
V
Fig.3 Current noise.


Similar Part No. - 5063JD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com