Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5063JD1K000J12AF5 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5063JD1K000J12AF5
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD1K000J12AF5 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  5063JD1K000J12AF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD1K000J12AF5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2000 Aug 08
7
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
MECHANICAL DATA
Mass per 100 units
13 g
Marking
The nominal resistance and tolerance are marked on the
resistor using four or five coloured bands in accordance with
IEC publication 60062 “Colour codes for fixed resistors”.
Mounting
The resistors are suitable for processing on automatic
insertion equipment in addition to cutting and bending
machines.The minimum bending is 5 mm (.200 inch).
Outlines
The length of the body (L1) is measured by inserting the leads
into holes of two identical gauge plates and moving these
plates parallel to each other until the resistor body is
clamped without deformation (“IEC publication 60294”).
Fig.8 Outline.
For dimensions see Table 4.
∅D
JW34
L2
L1
∅d
Table 4
Resistor type and physical dimensions; see Fig.8
TYPE
∅D
MAX.
(mm)
L1
MAX.
(mm)
L2
MAX.
(mm)
∅d
(mm)
Dimensions in inches
5063JD
0.063
.142
1.14
.020
Dimensions in millimetres
5063JD
1.6
3.6
29
0.5


Similar Part No. - 5063JD1K000J12AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD1K000J12AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com