Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL29X-018-0222 Datasheet(PDF) 6 Page - DB Lectro Inc

Part # TL29X-018-0222
Description  LOW PROFILE ENCAPSULATED TRANSFORMER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL29X-018-0222 Datasheet(HTML) 6 Page - DB Lectro Inc

  TL29X-018-0222 Datasheet HTML 1Page - DB Lectro Inc TL29X-018-0222 Datasheet HTML 2Page - DB Lectro Inc TL29X-018-0222 Datasheet HTML 3Page - DB Lectro Inc TL29X-018-0222 Datasheet HTML 4Page - DB Lectro Inc TL29X-018-0222 Datasheet HTML 5Page - DB Lectro Inc TL29X-018-0222 Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LOW PROFILE
ENCAPSULATED
TRANSFORMER
Secondary RMS Rating
Series
Part Number
Input Voltage
(V)
Series
Parallel
18VA
TL39X-005-1800
TL39X-006-1500
TL39X-008-1125
TL39X-009-1000
TL39X-010-0900
TL39X-012-0750
TL39X-015-0600
TL39X-017-0529
TL39X-018-0500
TL39X-020-0450
TL39X-021-0428
TL39X-024-0375
TL39X-028-0321
TL39X-115-0078
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@1800mA
@1500mA
@1125mA
@1000mA
@900mA
@750mA
@600mA
@529mA
@500mA
@450mA
@428mA
@375mA
@321mA
@78mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@3600mA
@3000mA
@2250mA
@2000mA
@1800mA
@1500mA
@1200mA
@1058mA
@1000mA
@900mA
@856mA
@750mA
@342mA
@156mA
24VA
TL39X-005-2400
TL39X-006-2000
TL39X-008-1500
TL39X-009-1333
TL39X-010-1200
TL39X-012-1000
TL39X-015-0800
TL39X-017-0706
TL39X-018-0666
TL39X-020-0600
TL39X-021-0571
TL39X-024-0500
TL39X-028-0429
TL39X-115-0104
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@2400mA
@2000mA
@1500mA
@1333mA
@1200mA
@1000mA
@800mA
@706mA
@666mA
@600mA
@571mA
@500mA
@429mA
@104mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@4800mA
@4000mA
@3000mA
@2666mA
@2400mA
@2000mA
@1600mA
@1412mA
@1332mA
@1200mA
@1142mA
@1000mA
@858mA
@208mA
30VA
TL39X-005-3000
TL39X-006-2500
TL39X-008-1875
TL39X-009-1666
TL39X-010-1500
TL39X-012-1250
TL39X-015-1000
TL39X-017-0882
TL39X-018-0833
TL39X-020-0750
TL39X-021-0714
TL39X-024-0625
TL39X-028-0550
TL39X-115-0130
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
10V
12V
16V
18V
20V
24V
30V
34V
36V
40V
42V
48V
56V
230V
@3000mA
@2500mA
@1875mA
@1666mA
@1500mA
@1250mA
@1000mA
@882mA
@833mA
@750mA
@714mA
@625mA
@550mA
@130mA
5V
6V
8V
9V
10V
12V
15V
17V
18V
20V
21V
24V
28V
115V
@6000mA
@5000mA
@3750mA
@3332mA
@3000mA
@2500mA
@2000mA
@1764mA
@1666mA
@1500mA
@1428mA
@1250mA
@1100mA
@260mA
3600 boul. Matte suite i Brossarc Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - TL29X-018-0222

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL297002AV TRANSKO-TL297002AV Datasheet
634Kb / 4P
   297.00 MHz IF SAW Filter / 2.95 MHz Bandwidth
Revision 0: 25 Jul. 2012
More results

Similar Description - TL29X-018-0222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D2088 ETC2-D2088 Datasheet
226Kb / 2P
   4VA LOW PROFILE ENCAPSULATED TRANSFORMER
logo
DB Lectro Inc
TL30S-060-100 DBLECTRO-TL30S-060-100 Datasheet
398Kb / 7P
   STANDARD ENCAPSULATED TRANSFORMER
logo
TRIAD MAGNETICS
MET-05-T TRIAD-MET-05-T Datasheet
141Kb / 1P
   Audio Coupling Miniature Encapsulated Transformer
logo
List of Unclassifed Man...
TL1220 ETC-TL1220 Datasheet
100Kb / 1P
   LOW PROFILE HYBRID TRANSFORMER
logo
Allied Components Inter...
TLP24-250 ALLIED-TLP24-250 Datasheet
2Mb / 1P
   Low Profile Power Transformer
logo
Wabash Transformer Inc.
UI-25-10 WABASH-UI-25-10 Datasheet
704Kb / 2P
   Low Profile Power Transformer
logo
Rhombus Industries Inc.
T-31008 RHOMBUS-IND-T-31008 Datasheet
28Kb / 1P
   Low Profile Coupling Transformer
logo
Allied Components Inter...
TDBS24-1250 ALLIED-TDBS24-1250 Datasheet
720Kb / 1P
   Low Profile Power Transformer
logo
ETAL Group
P1165 ETAL-P1165 Datasheet
128Kb / 7P
   LOW PROFILE LINE MATCHING TRANSFORMER
P3065 ETAL-P3065 Datasheet
128Kb / 5P
   LOW PROFILE LINE MATCHING TRANSFORMER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com