Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U632H16SC25Z0425G1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # U632H16SC25Z0425G1
Description  PowerStore 2K x 8 nvSRAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

U632H16SC25Z0425G1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  U632H16SC25Z0425G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 3Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 4Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 5Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 6Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 7Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 8Page - List of Unclassifed Manufacturers U632H16SC25Z0425G1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
U632H16
4
March 31, 2006
STK Control #ML0046
Rev 1.0
DC Characteristics
Symbol
Conditions
C-Type
K-Type
Unit
Min.
Max.
Min.
Max.
Output High Voltage
Output Low Voltage
VOH
VOL
VCC
IOH
IOL
= 4.5 V
=-4 mA
= 8 mA
2.4
0.4
2.4
0.4
V
V
Output High Current
Output Low Current
IOH
IOL
VCC
VOH
VOL
= 4.5 V
= 2.4 V
= 0.4 V
8
-4
8
-4
mA
mA
Input Leakage Current
High
Low
IIH
IIL
VCC
VIH
VIL
= 5.5 V
= 5.5 V
=
0 V
-1
1
-1
1
μA
μA
Output Leakage Current
High at Three-State- Output
Low at Three-State- Output
IOHZ
IOLZ
VCC
VOH
VOL
= 5.5 V
= 5.5 V
=
0 V
-1
1
-1
1
μA
μA
SRAM Memory Operations
No.
Switching Characteristics
Read Cycle
Symbol
Unit
Alt.
IEC
Min. Max.
1 Read Cycle Timef
tAVAV
tcR
25
ns
2 Address Access Time to Data Validg
tAVQV
ta(A)
25
ns
3 Chip Enable Access Time to Data Valid
tELQV
ta(E)
25
ns
4 Output Enable Access Time to Data Valid
tGLQV
ta(G)
12
ns
5E HIGH to Output in High-Zh
tEHQZ
tdis(E)
13
ns
6G HIGH to Output in High-Zh
tGHQZ
tdis(G)
13
ns
7E LOW to Output in Low-Z
tELQX
ten(E)
5ns
8G LOW to Output in Low-Z
tGLQX
ten(G)
0ns
9 Output Hold Time after Address Change
tAXQX
tv(A)
3ns
10 Chip Enable to Power Activee
tELICCH
tPU
0ns
11 Chip Disable to Power Standbyd, e
tEHICCL
tPD
25
ns
e: Parameter guaranteed but not tested.
f:
Device is continuously selected with E and G both LOW.
g: Address valid prior to or coincident with E transition LOW.
h: Measured
± 200 mV from steady state output voltage.


Similar Part No. - U632H16SC25Z0425G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16S2C25G1 SIMTEK-U632H16S2C25G1 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U632H16S2K25G1 SIMTEK-U632H16S2K25G1 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
More results

Similar Description - U632H16SC25Z0425G1

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
U632H16 SIMTEK-U632H16 Datasheet
403Kb / 15P
   PowerStore 2K x 8 nvSRAM
U635H16 SIMTEK-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
List of Unclassifed Man...
U635H16 ETC1-U635H16 Datasheet
137Kb / 14P
   PowerStore 2K x 8 nvSRAM
logo
Simtek Corporation
U632H64 SIMTEK-U632H64 Datasheet
408Kb / 15P
   PowerStore 8K x 8 nvSRAM
U635H64 SIMTEK-U635H64 Datasheet
138Kb / 14P
   PowerStore 8K x 8 nvSRAM
U635H256 SIMTEK-U635H256 Datasheet
258Kb / 14P
   PowerStore 32K x 8 nvSRAM
logo
List of Unclassifed Man...
U632H64 ETC1-U632H64 Datasheet
214Kb / 15P
   PowerStore 8K x 8 nvSRAM
logo
Zentrum Mikroelektronik...
U634H256 ZMD-U634H256 Datasheet
248Kb / 14P
   POWERSTORE 32K X 8 NVSRAM
logo
Simtek Corporation
U634H256 SIMTEK-U634H256 Datasheet
359Kb / 15P
   PowerStore 32K x 8 nvSRAM
U634H256XS SIMTEK-U634H256XS Datasheet
256Kb / 17P
   PowerStore 32K x 8 nvSRAM Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com