Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL35-2500-036 Datasheet(PDF) 3 Page - DB Lectro Inc

Part # TL35-2500-036
Description  TOROIDAL TRANSFORMER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL35-2500-036 Datasheet(HTML) 3 Page - DB Lectro Inc

  TL35-2500-036 Datasheet HTML 1Page - DB Lectro Inc TL35-2500-036 Datasheet HTML 2Page - DB Lectro Inc TL35-2500-036 Datasheet HTML 3Page - DB Lectro Inc TL35-2500-036 Datasheet HTML 4Page - DB Lectro Inc TL35-2500-036 Datasheet HTML 5Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TOROIDAL
TRANSFORMER
Secondary RMS Rating
Product
Series
Part Number
Input Voltage
(V)
Series
Parallel
25VA
TL35-0250-012
TL35-0250-014
TL35-0250-018
TL35-0250-024
TL35-0250-030
TL35-0250-036
TL35-0250-044
TL35-0250-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@2083mA
@1785mA
@1377mA
@1041mA
@832mA
@694mA
@568mA
@520mA
6V
7V
9V
12V
15V
18V
22V
24V
@4166mA
@3570mA
@2754mA
@2082mA
@1664mA
@1388mA
@1136mA
@1040mA
35VA
TL35-0350-012
TL35-0350-014
TL35-0350-018
TL35-0350-024
TL35-0350-030
TL35-0350-036
TL35-0350-044
TL35-0350-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@2916mA
@2500mA
@1944mA
@1458mA
@1167mA
@972mA
@795mA
@729mA
6V
7V
9V
12V
15V
18V
22V
24V
@5832mA
@5000mA
@3888mA
@2916mA
@2334mA
@1944mA
@1590mA
@1458mA
50VA
TL35-0500-012
TL35-0500-014
TL35-0500-018
TL35-0500-024
TL35-0500-030
TL35-0500-036
TL35-0500-044
TL35-0500-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@4166mA
@3571mA
@2777mA
@2083mA
@1666mA
@1388mA
@1136mA
@1041mA
6V
7V
9V
12V
15V
18V
22V
24V
@8332mA
@7142mA
@5554mA
@4166mA
@3332mA
@2776mA
@2272mA
@2082mA
65VA
TL35-0650-012
TL35-0650-014
TL35-0650-018
TL35-0650-024
TL35-0650-030
TL35-0650-036
TL35-0650-044
TL35-0650-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@5416mA
@4642mA
@3611mA
@2708mA
@2166mA
@1805mA
@1477mA
@1354mA
6V
7V
9V
12V
15V
18V
22V
24V
@10832mA
@9284mA
@7222mA
@5416mA
@4322mA
@3610mA
@2954mA
@2708mA
85VA
TL35-0850-012
TL35-0850-014
TL35-0850-018
TL35-0850-024
TL35-0850-030
TL35-0850-036
TL35-0850-044
TL35-0850-048
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
2 x 115
12V C.T.
14V C.T.
18V C.T.
24V C.T.
30V C.T.
36V C.T.
44V C.T.
48V C.T.
@7083mA
@6071mA
@4722mA
@3541mA
@2833mA
@2361mA
@1931mA
@1770mA
6V
7V
9V
12V
15V
18V
22V
24V
@14166mA
@12142mA
@9444mA
@7082mA
@5666mA
@4722mA
@3862mA
@3540mA
DB LECTRO Inc.
3600 boul. Matte suite i Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com


Similar Part No. - TL35-2500-036

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TL35001AV2 TRANSKO-TL35001AV2 Datasheet
443Kb / 3P
   350.00 MHz IF SAW Filter / 1.96 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL35006AS2 TRANSKO-TL35006AS2 Datasheet
464Kb / 4P
   350.00 MHz IF SAW Filter / 6.50 MHz Bandwidth
Revision 0: 18 Jul. 2012
TL3503AV TRANSKO-TL3503AV Datasheet
398Kb / 3P
   35.00 MHz IF SAW Filter / 2.8 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Texas Instruments
TL35071AD TI-TL35071AD Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TL35071ADR TI-TL35071ADR Datasheet
109Kb / 8P
[Old version datasheet]   HIGH-SLEW-RATE, SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
More results

Similar Description - TL35-2500-036

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
Coilcraft lnc.
Q3903-AL COILCRAFT-Q3903-AL Datasheet
123Kb / 1P
   Toroidal Transformer
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
logo
List of Unclassifed Man...
LTC0157 ETC1-LTC0157 Datasheet
160Kb / 1P
   TOROIDAL COIL TRANSFORMER
logo
Beijing Yaohuadechang E...
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
MPS Industries, Inc.
P8TA MPSIND-P8TA Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TC MPSIND-P8TC Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TD MPSIND-P8TD Datasheet
43Kb / 1P
   TOROIDAL POWER TRANSFORMER
P8TB MPSIND-P8TB Datasheet
38Kb / 1P
   TOROIDAL POWER TRANSFORMER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com