Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UH8JT Datasheet(PDF) 4 Page - Vishay Siliconix

Part # UH8JT
Description  High Voltage Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UH8JT Datasheet(HTML) 4 Page - Vishay Siliconix

  UH8JT Datasheet HTML 1Page - Vishay Siliconix UH8JT Datasheet HTML 2Page - Vishay Siliconix UH8JT Datasheet HTML 3Page - Vishay Siliconix UH8JT Datasheet HTML 4Page - Vishay Siliconix UH8JT Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.vishay.com
4
Document Number 88956
21-Apr-06
Vishay General Semiconductor
UH8JT & UHF8JT
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.154 (3.91)
0.148 (3.74)
DIA.
0.113 (2.87)
0.103 (2.62)
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
0.160 (4.06)
0.140 (3.56)
0.037 (0.94)
0.027(0.68)
0.205(5.20)
0.195(4.95)
0.560 (14.22)
0.530 (13.46)
0.022(0.56)
0.014(0.36)
0.110 (2.79)
0.100 (2.54)
12
1.148 (29.16)
1.118 (28.40)
0.105 (2.67)
0.095 (2.41)
0.635 (16.13)
0.625 (15.87)
0.603 (15.32)
0.573 (14.55)
PIN
0.415 (10.54) MAX.
0.370 (9.40)
0.360 (9.14)
0.057 (1.45)
0.045 (1.14)
CASE
PIN 2
PIN 1
TO-220AC
0.404 (10.26)
0.384 (9.75)
See note
0.076 Ref.
(1.93) ref.
45° Ref.
0.600 (15.24)
0.580 (14.73)
PIN
1
2
0.560 (14.22)
0.530 (13.46)
0.025 (0.64)
0.015 (0.38)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.076 Ref.
(1.93) Ref.
See note
7° Ref.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
7° Ref.
0.350 (8.89)
0.330 (8.38)
0.190 (4.83)
0.170 (4.32)
0.110 (2.79)
0.100 (2.54)
0.135 (3.43) DIA.
0.122 (3.08)DIA.
7° Ref.
0.110 (2.79)
0.100 (2.54)
0.028 (0.71)
0.020 (0.51)
ITO-220AC
exposure
(0.25)
0.010
Max.
Copper
Note: Copper exposure is allowable for 0.005 (0.13) Max. from the body


Similar Part No. - UH8JT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UH8JT VISHAY-UH8JT Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 13-May-08
UH8JT VISHAY-UH8JT Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT-E3-45 VISHAY-UH8JT-E3-45 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 13-May-08
UH8JT VISHAY-UH8JT_08 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 13-May-08
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results

Similar Description - UH8JT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com