Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NA556NE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # NA556NE4
Description  DUAL PRECISION TIMERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NA556NE4 Datasheet(HTML) 4 Page - Texas Instruments

  NA556NE4 Datasheet HTML 1Page - Texas Instruments NA556NE4 Datasheet HTML 2Page - Texas Instruments NA556NE4 Datasheet HTML 3Page - Texas Instruments NA556NE4 Datasheet HTML 4Page - Texas Instruments NA556NE4 Datasheet HTML 5Page - Texas Instruments NA556NE4 Datasheet HTML 6Page - Texas Instruments NA556NE4 Datasheet HTML 7Page - Texas Instruments NA556NE4 Datasheet HTML 8Page - Texas Instruments NA556NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
Electrical Characteristics
NA556, NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023G – APRIL 1978 – REVISED JUNE 2006
V
CC = 5 V to 15 V, TA = 25°C (unless otherwise noted)
NA556
NE556
SE556
PARAMETER
TEST CONDITIONS
UNIT
SA556
MIN
TYP
MAX
MIN
TYP
MAX
VCC = 15 V
8.8
10
11.2
9.4
10
10.6
Threshold voltage
VT
V
level
VCC = 5 V
2.4
3.3
4.2
2.7
3.3
4
IT
Threshold current(1)
30
250
30
250
nA
4.5
5
5.6
4.8
5
5.2
VCC = 15 V
TA = –55°C to 125°C
3
6
VTRIG
Trigger voltage level
V
1.1
1.67
2.2
1.45
1.67
1.9
VCC = 5 V
TA = –55°C to 125°C
1.9
ITRIG
Trigger current
TRIG at 0 V
0.5
2
0.5
0.9
µA
0.3
0.7
1
0.3
0.7
1
VRESET Reset voltage level
V
TA = –55°C to 125°C
1.1
RESET at VCC
0.1
0.4
0.1
0.4
IRESET
Reset current
mA
RESET at 0 V
–0.4
1.5
–0.4
–1
Discharge switch
IDISCH
20
100
20
100
nA
off-state current
9
10
11
9.6
10
10.4
VCC = 15 V
TA = –55°C to 125°C
9.6
10.4
Control voltage
VCONT
V
(open circuit)
2.6
3.3
4
2.9
3.3
3.8
VCC = 5 V
TA = –55°C to 125°C
2.9
3.8
0.1
0.25
0.1
0.15
VCC = 15 V,
IOL = 10 mA
TA = –55°C to 125°C
0.2
0.4
0.75
0.4
0.5
VCC = 15 V,
IOL = 50 mA
TA = –55°C to 125°C
1
2
2.5
2
2.2
VCC = 15 V,
IOL = 100 mA
Low-level
TA = –55°C to 125°C
2.7
VOL
V
output voltage
VCC = 15 V, IOL = 200 mA
2.5
2.5
VCC = 5 V,
TA = –55°C to 125°C
0.35
IOL = 3.5 mA
0.1
0.25
0.1
0.15
VCC = 5 V,
IOL = 5 mA
TA = –55°C to 125°C
0.8
VCC = 5 V, IOL = 8 mA
0.15
0.3
0.15
0.25
12.75
13.3
13
13.3
VCC = 15 V,
IOH = –100 mA
TA = –55°C to 125°C
12
High-level
VOH
VCC = 15 V, IOH = –200 mA
12.5
12.5
V
output voltage
2.75
3.3
3
3.3
VCC = 5 V,
IOH = –100 mA
TA = –55°C to 125°C
2
VCC = 15 V
20
30
20
24
Output low,
No load
VCC = 5 V
6
12
6
10
ICC
Supply current
mA
VCC = 15 V
18
26
18
20
Output high,
No load
VCC = 5 V
4
10
4
8
(1)
This parameter influences the maximum value of the timing resistors R and RB in the circuit of Figure 1. For example, when VCC = 5 V,
the maximum value is R = RA + RB ≈ 3.4 MΩ, and for VCC = 15 V, the maximum value is ≈ 10 MΩ.
4
Submit Documentation Feedback


Similar Part No. - NA556NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556NE4 TI-NA556NE4 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - NA556NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556J TI-NE556J Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com