Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CI100505-1N0D Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CI100505-1N0D
Description  Multi-Layer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CI100505-1N0D Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CI100505-1N0D Datasheet HTML 1Page - Bourns Electronic Solutions CI100505-1N0D Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications are subject to change without notice.
CI100505 Series - Multi-Layer Chip Inductors
100
10
1
Frequency (MHz)
Inductance Characteristics
10
100
1000
1000
10000
5.6nH
3.3nH
10nH
100
10
0
Q
Frequency (MHz)
Q Characteristics
20
40
60
80
100
1000
5.6nH
3.3nH
10nH
10000
Electrical Specifications
REV. 10/01


Similar Part No. - CI100505-1N0D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505-1N0D BOURNS-CI100505-1N0D Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
More results

Similar Description - CI100505-1N0D

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
   Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
   Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
   Multi-Layer Chip Inductors
CI201210 BOURNS-CI201210 Datasheet
751Kb / 2P
   Multi-Layer Chip Inductors
logo
Central Technologies
CT0201F CT-CT0201F Datasheet
86Kb / 1P
   Multi-layer Chip Inductors
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210 Datasheet
208Kb / 2P
   Multi-Layer Chip Inductors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
   Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
   Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com