Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHS-08B1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CHS-08B1
Description  SURFACE MOUNT TYPE SLIDE SWITCHES
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHS-08B1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CHS-08B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers CHS-08B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SLIDE SWITCHES (SMD)
CHS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
s STANDARD SPECIFICATIONS
Operating temp. range
Sealing
Net weight
40 ~ +85 °C
Washable by seal tape
Approx. 0.05 g (CHS-01) Approx. 0.08 g (CHS-02)
Approx. 0.12 g (CHS-04) Approx. 0.17 g (CHS-06))
Approx. 0.22 g (CHS-08) Approx. 0.25 g (CHS-10)
Operating force
Stop strength
Solderability
Soldering heat
Shear (Adhesion)
Substrate bending
Pull-off strength
0.5 ~ 5 N {0.05 ~ 0.51 kgf}
10 N {1.02 kgf}, 60 s
235
± 5 °C, 2 ± 0.5 s
240 °C (VPS method), 30 s
5 N {0.51 kgf} 10 s
Width 90 mm, bend 3 mm,
5 s, 1 time
5 N {0.51 kgf} 10 s
Contact rating
Non-switching
Switching
Minimum
Contact resistance
Insulation resistance
Dielectric strength
DC50 V, 100 mA
DC6 V, 100 mA DC24 V, 25 mA
DC20 mV, 1
µA
50 m
Ω maximum (1.5 mA, 1 kHz, 20 mV)
1000 M
Ω (DC100 V) minimum
AC500 V, 50 Hz, 60 s
Vibration
Shock
Load life
Humidity
High temp. exposure
Low temp. exposure
Thermal shock
Amplitude of 1.5 mm (p-p) or Acceleration of 98 m/s2,
10-500 Hz, 3 directions for 10 cycles each
490 m/s2, 11 ms
6 directions for 3 times each
Continuous load 2000 cycles,
DC6
± 0.5 V, 100 ± 10 mA
−10 ~ +65 °C, 0 ~ 96 %RH,
24 h for 10 cycles
85 °C, 96 h
−40 °C, 96 h
−40 (0.5 h) ~ +85 °C (0.5 h),
5 cycles
s ELECTRICAL CHARACTERISTICS
s MECHANICAL CHARACTERISTICS
s ENVIRONMENTAL CHARACTERISTICS
{ } : Reference only


Similar Part No. - CHS-08B1

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS-08B1 COPAL-CHS-08B1 Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
More results

Similar Description - CHS-08B1

ManufacturerPart #DatasheetDescription
logo
C&K Components
PCM CK-COMPONENTS-PCM_V01 Datasheet
322Kb / 3P
   Ultraminiature Surface Mount Slide Switches
16 Mar 22
logo
ITT Industries
PCM12SMTR ITT-PCM12SMTR Datasheet
204Kb / 2P
   Ultraminiature Surface Mount Slide Switches
logo
C&K Components
PCM CK-COMPONENTS-PCM Datasheet
291Kb / 2P
   Ultraminiature Surface Mount Slide Switches
logo
OEN India Limited
OEN27 OENINDIA-OEN27 Datasheet
372Kb / 1P
   SLIDE & PIANO TYPE DIP SWITCHES
27S-024S OENINDIA-27S-024S Datasheet
372Kb / 1P
   SLIDE&PIANO TYPE DIP SWITCHES
logo
Tyco Electronics
ASF22GL MACOM-ASF22GL Datasheet
154Kb / 4P
   Slide Switches, Auto-insertable, Through Hole and Surface Mount
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com