Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCD2703D Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TCD2703D
Description  CCD Linear Image Sensor CCD (Charge Coupled Device)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2703D Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TCD2703D Datasheet HTML 2Page - Toshiba Semiconductor TCD2703D Datasheet HTML 3Page - Toshiba Semiconductor TCD2703D Datasheet HTML 4Page - Toshiba Semiconductor TCD2703D Datasheet HTML 5Page - Toshiba Semiconductor TCD2703D Datasheet HTML 6Page - Toshiba Semiconductor TCD2703D Datasheet HTML 7Page - Toshiba Semiconductor TCD2703D Datasheet HTML 8Page - Toshiba Semiconductor TCD2703D Datasheet HTML 9Page - Toshiba Semiconductor TCD2703D Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TCD2703D
2002-11-14
6
Operating Condition (Ta
==== 25°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
High level
4.5
5.0
5.5
Clock pulse voltage
Low level
VB1A, VB2A
0
¾
0.3
V
High level
4.5
5
5.5
Final stage clock pulse
voltage
Low level
VB2B
0
¾
0.3
V
High level
VB “H” - 0.5
VB “H”
VB “H”
Shift pulse voltage
(Note 11)
Low level
VSH
0
¾
0.3
V
High level
4.5
5
5.5
Reset pulse voltage
Low level
VRS
0
¾
0.3
V
High level
4.5
5
5.5
Clamp pulse voltage
Low level
VCP
0
¾
0.3
V
Power supply voltage
VOD, VDD
10.5
11.0
13.0
V
Note 11: Vf “H” means the high level voltage of VfA when SH pulse is high level.
Clock Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Min
Typ.
Max
Unit
Clock pulse frequency
fB
¾
1
25
MHz
Reset pulse frequency
fRS
¾
1
25
MHz
Clamp pulse frequency
fCP
¾
1
25
MHz
Clock capacitance
(Note 12)
CBA
¾
150
¾
pF
Final stage clock capacitance
CBB
¾
20
¾
pF
Shift gate capacitance
CSH
¾
40
¾
pF
Reset gate capacitance
CRS
¾
20
¾
pF
Clamp gate capacitance
CCP
¾
20
¾
pF
Note 12: VOD = 11 V


Similar Part No. - TCD2703D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2700C TOSHIBA-TCD2700C Datasheet
526Kb / 14P
   CCD LINEAR IMAGE SENSOR
TCD2701C TOSHIBA-TCD2701C Datasheet
495Kb / 13P
   CCD LINEAR IMAGE SENSOR
TCD2704D TOSHIBA-TCD2704D Datasheet
488Kb / 16P
   High sensitive and low dark current 7500 elements x 4 line
More results

Similar Description - TCD2703D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
   CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
   TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
   TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
TCD1709D TOSHIBA-TCD1709D Datasheet
222Kb / 13P
   TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD2561D TOSHIBA-TCD2561D Datasheet
264Kb / 16P
   TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com