Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F649 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74F649
Description  Octal transceiver/register, non-inverting open-collector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F649 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74F649 Datasheet HTML 4Page - NXP Semiconductors 74F649 Datasheet HTML 5Page - NXP Semiconductors 74F649 Datasheet HTML 6Page - NXP Semiconductors 74F649 Datasheet HTML 7Page - NXP Semiconductors 74F649 Datasheet HTML 8Page - NXP Semiconductors 74F649 Datasheet HTML 9Page - NXP Semiconductors 74F649 Datasheet HTML 10Page - NXP Semiconductors 74F649 Datasheet HTML 11Page - NXP Semiconductors 74F649 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Philips Semiconductors
Product specification
74F647, 74F649
Transceivers/registers
1992 Feb 28
11
NOTES


Similar Part No. - 74F649

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F64 NSC-74F64 Datasheet
130Kb / 6P
   4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F64 PHILIPS-74F64 Datasheet
72Kb / 8P
   4-2-3-2-input AND-OR-invert gate
1996 Mar 14
logo
Fairchild Semiconductor
74F64 FAIRCHILD-74F64 Datasheet
48Kb / 4P
   4-2-3-2-Input AND-OR-Invert Gate
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
   Octal bus transceiver, inverting 3-State
1989 Nov 27
logo
Fairchild Semiconductor
74F640 FAIRCHILD-74F640 Datasheet
54Kb / 6P
   Octal Bus Transceiver with 3-STATE Outputs
More results

Similar Description - 74F649

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F621 PHILIPS-74F621 Datasheet
77Kb / 10P
   Octal bus transceiver, non-inverting open collector
1996 Jan 05
74ABT652A PHILIPS-74ABT652A Datasheet
120Kb / 8P
   Octal transceiver/register, non-inverting 3-State
1995 Apr 19
74F646 PHILIPS-74F646 Datasheet
121Kb / 16P
   Octal transceiver/register, non-inverting 3-State
1990 Sep 25
74ABT652A NXP-74ABT652A Datasheet
113Kb / 19P
   Octal transceiver/register; non-inverting; 3-state
Rev. 02-12 March 2010
74LVT652 PHILIPS-74LVT652 Datasheet
110Kb / 14P
   3.3V Octal transceiver/register, non-inverting 3-State
1998 Feb 19
logo
Renesas Technology Corp
HD74LS641-1 RENESAS-HD74LS641-1 Datasheet
177Kb / 6P
   Octal Bus Transceiver(non-inverted open-collector outputs)
logo
Motorola, Inc
MC74AC652 MOTOROLA-MC74AC652 Datasheet
233Kb / 8P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
MC74AC646 MOTOROLA-MC74AC646 Datasheet
258Kb / 9P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646 Datasheet
82Kb / 12P
   OCTAL TRANSCEIVER/REGISTER WITH 3-STATE OUTPUTS (NON-INVERTING)
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74F30244 PHILIPS-74F30244 Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com