Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F651A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74F651A
Description  Transceivers/registers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F651A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74F651A Datasheet HTML 4Page - NXP Semiconductors 74F651A Datasheet HTML 5Page - NXP Semiconductors 74F651A Datasheet HTML 6Page - NXP Semiconductors 74F651A Datasheet HTML 7Page - NXP Semiconductors 74F651A Datasheet HTML 8Page - NXP Semiconductors 74F651A Datasheet HTML 9Page - NXP Semiconductors 74F651A Datasheet HTML 10Page - NXP Semiconductors 74F651A Datasheet HTML 11Page - NXP Semiconductors 74F651A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
74F651A/74F652A
Transceivers/registers
1999 Jun 23
8
AC ELECTRICAL CHARACTERISTICS FOR 74F651A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
fmax
Maximum clock frequency
Waveform 1
155
175
140
ns
tPLH
tPHL
Propagation delay
CPAB or CPBA to An or Bn
Waveform 1
4.5
5.5
7.0
7.5
10.0
10.5
4.0
5.0
11.0
11.0
ns
tPLH
tPHL
Propagation delay
An or Bn to Bn or An
Waveform 2, 3
2.5
4.0
4.5
6.5
7.5
9.0
2.0
4.0
8.5
10.0
ns
tPLH
tPHL
Propagation delay
SAB or SBA to An or Bn
Waveform 2, 3
4.0
5.0
7.0
7.0
10.0
10.0
3.5
4.5
12.0
10.0
ns
tPZH
tPZL
Output enable time
OEAB or OEBA to An or Bn
Waveform 7, 8
3.0
3.5
5.0
6.0
8.0
8.5
2.5
3.0
8.5
9.0
ns
tPHZ
tPLZ
Output disable time
OEAB or OEBA to An or Bn
Waveform 7, 8
1.5
2.5
4.0
6.0
7.0
8.5
1.0
2.0
7.5
9.0
ns
AC SETUP REQUIREMENTS FOR 74F651A
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST CONDITION
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tsu (H)
tsu (L)
Setup time, high or low
An or Bn to CPAB or CPBA
Waveform 4
3.5
4.0
4.0
4.5
ns
th (H)
th (L)
Hold time, high or low
An or Bn to CPAB or CPBA
Waveform 4
0
0
0
0
ns
tsu (H)
tsu (L)
Setup time, high or low
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
5.0
5.0
5.0
5.0
ns
th (H)
th (L)
Hold time, high or low
OEBA to OEAB or OEAB to OEBA
Waveform 5, 6
0
0
0
0
ns
tw (H)
tw (L)
Pulse width, high or low
CPAB or CPBA
Waveform 1
4.5
3.5
4.5
4.0
ns
Note to AC setup requirements for 74F651A:
1. Setup time is to protect against surge current caused by enabling 16 outputs (48mA per output) simultaneously.


Similar Part No. - 74F651A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
74F651 NSC-74F651 Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
74F651SC NSC-74F651SC Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Fairchild Semiconductor
74F651SC FAIRCHILD-74F651SC Datasheet
73Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
74F651SPC NSC-74F651SPC Datasheet
188Kb / 10P
   Transceivers/Registers
More results

Similar Description - 74F651A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F652 FAIRCHILD-74F652 Datasheet
71Kb / 8P
   Transceivers/Registers
logo
National Semiconductor ...
54F651SDM NSC-54F651SDM Datasheet
188Kb / 10P
   Transceivers/Registers
logo
Fairchild Semiconductor
74F651 FAIRCHILD-74F651 Datasheet
73Kb / 8P
   Transceivers/Registers
logo
Texas Instruments
SNJ54ABT646A TI-SNJ54ABT646A Datasheet
436Kb / 21P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651 Datasheet
383Kb / 9P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS646 TI-SN54LS646 Datasheet
440Kb / 13P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS651 TI-SN54LS651_07 Datasheet
457Kb / 12P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN54LS846 TI1-SN54LS846_15 Datasheet
985Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS AND REGISTERS
SN74BCT2420 TI-SN74BCT2420 Datasheet
183Kb / 12P
[Old version datasheet]   NuBus ADDRESS/DATA TRANSCEIVERS AND REGISTERS
logo
Fairchild Semiconductor
74ABT646 FAIRCHILD-74ABT646 Datasheet
97Kb / 9P
   Octal Transceivers and Registers with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com