Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC2128C-C32D Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SC2128C-C32D
Description  REMOTE FAN CONTROL IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC2128C-C32D Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SC2128C-C32D Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC2128C-C32D Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Silan
Semiconductors
SC2128C
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.1
2001.09.26
4
PIN DESCRIPTION
Pin No.
Symbol
I/O
Function
1
NC
--
No connection
2
REMOTE
I
Remote control sensor input
3
V
SS
--
Negative power supply
4
OSCI
I
Oscillator input Pin
5
OSCO
O
Oscillator output Pin
6
V
DD
--
Positive power supply
7
OFF/BUZZ
I/O
OFF control key input, shared with buzzer output
8
SPEED
I
SPEED key control input
9
MODE
I
MODE key control input
10
SW1
I
Swing head 1 control key input
11
LIGHT
I
Light control key input
12
NC
--
No connection
13
LORD
O
Ordinary wind indicator LED output
14
LIT
O
Light output
15
SO1
O
Swing head 1 output
16
TIMER
I
TIMER key control input
17
COM
O
Indicator LED common output
18
LED3
O
Indicator LED output Pin
19
LED2
O
Indicator LED output Pin
20
LED1
O
Indicator LED output Pin
21
ST
O
(Strong) Speed output Pin
22
MI
O
(Middle) Speed output Pin
23
LO
O
(Low) Speed output Pin
24
SO2
O
Swing head 2 output
FUNCTIONAL DESCRIPTION
1. CONTROL KEYS
Up to six(6) function keys – SPEED, MODE, TIMER, SW1, LIGHT and OFF/MEMS – may be used on the
control panel of fan to access SC2128C to its full versatility. OFF/BUZZ key input pin serves further as buzzer
output BUZZ pin. All key inputs are internally pulled-high in SC2128C.
SPEED key controls the fan speed. TIMER key adjusts off-timer. MODE key sets fan into various modes of
operation. SW1 key control the head swing of fan. LIGHT key toggles the LIT output ON and OFF. OFF/BUZZ key
resets the fan to idle state when fan is ON. LIT output is not affected by OFF key.


Similar Part No. - SC2128C-C32D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20B SILAN-SC2128A-C20B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20D SILAN-SC2128A-C20D Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C20S SILAN-SC2128A-C20S Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
SC2128A-C21B SILAN-SC2128A-C21B Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
More results

Similar Description - SC2128C-C32D

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
   REMOTE FAN CONTROL IC
logo
Unisonic Technologies
RBA8206 UTC-RBA8206_15 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
RBA8206 UTC-RBA8206 Datasheet
171Kb / 7P
   REMOTE FAN CONTROL IC
logo
Silan Microelectronics ...
SC8206 SILAN-SC8206 Datasheet
342Kb / 8P
   REMOTE FAN CONTROL IC
logo
Princeton Technology Co...
PT2275 PTC-PT2275 Datasheet
228Kb / 4P
   Fan Remote Control
logo
MOSDESIGN SEMICONDUCTOR...
M75104 MOSDESIGN-M75104 Datasheet
151Kb / 2P
   REMOTE FAN CONTROL
2003-07-21
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
   FAN REMOTE CONTROL ENCODER
logo
Unisonic Technologies
RBA5104 UTC-RBA5104 Datasheet
151Kb / 4P
   FAN REMOTE CONTROL ENCODER
logo
Princeton Technology Co...
PT2129A PTC-PT2129A Datasheet
548Kb / 6P
   Remote Fan Controller IC?
PT2128A PTC-PT2128A Datasheet
408Kb / 5P
   Remote Fan Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com