Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC6M40-15-YY Datasheet(PDF) 9 Page - Sensitron

Part # SMC6M40-15-YY
Description  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M40-15-YY Datasheet(HTML) 9 Page - Sensitron

Back Button SMC6M40-15-YY Datasheet HTML 5Page - Sensitron SMC6M40-15-YY Datasheet HTML 6Page - Sensitron SMC6M40-15-YY Datasheet HTML 7Page - Sensitron SMC6M40-15-YY Datasheet HTML 8Page - Sensitron SMC6M40-15-YY Datasheet HTML 9Page - Sensitron SMC6M40-15-YY Datasheet HTML 10Page - Sensitron SMC6M40-15-YY Datasheet HTML 11Page - Sensitron SMC6M40-15-YY Datasheet HTML 12Page - Sensitron SMC6M40-15-YY Datasheet HTML 13Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 9
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
Is-out ( Pin 11 ), is the absolute value output of the current sense amplifier.
Is-out = ABS(ISL – ISH)
(4)
ISH ( Pin 12 ), is the non-inverting input of the current sense amplifier.
ISL ( Pin 13 ), is the inverting input of the current sense amplifier.
Quad ( Pin 14 ), is the select input of two-quadrant (Quad=0) or four-quadrant (Quad=1)
operation.
Tach-out ( Pin 15 ), is a fixed pulse width variable frequency output proportional to the
motor speed. A pulse is generated at both rising and falling edges of HA, HB, HC inputs. So
this output can be used as a true tachometer for speed feedback with an external filter or
averaging circuit which usually consists of a resistor and capacitor, as shown in Figs 9 & 10.
Brake ( Pin 16 ), is a digital input which causes the device to inter into brake mode. In brake
mode all three low-side switches are turned off and high-side switches are turned on. The
only conditions that can inhibit the high-side command during brake mode are UVLO, the
output of the PWM comparator, Coast input, or Start/Stop input.
Coast ( Pin 17 ), is a digital input that disables all outputs once pulled high. This input is
internally pulled low.
Start/Stop ( Pin 18 ), is a digital input that disables all outputs once pulled low. This input is
pulled high internally. This input can be used as enable/disable input using a switch. If the
switch is opened, the controller is enabled. If the switch is closed to Gnd, the controller is
disabled.
Signal Gnd ( Pin 19 ), is the reference ground for all control signals of the device. All bypass
capacitors, loop compensation components must be connected as close as possible pin 19.
This pin should not be externally connected to the power ground pins 27 and 28.
HC ( Pin 20 ), is hall input of phase C.
HB ( Pin 21 ), is hall input of phase B.
HA ( Pin 22 ), is hall input of phase A.
HA, HB, HC are designed to accept rotor position information from hall sensors positioned
120
o apart. Motors with 60o position sensing may be used if one or two of the hall-effect
sensor signals is inverted prior to connection to the hall-effect inputs.
HA, HB, HC inputs are internally pulled up, zener clamped to 6.2V, and filtered.
Speed-in ( Pin 23 ), is a speed input to latch the direction input when the motor is spinning
fast.
SMC6MXX-XX
SMC6MXX-XX-1


Similar Part No. - SMC6M40-15-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

Similar Description - SMC6M40-15-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com