Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC6M50-08-1-YY Datasheet(PDF) 4 Page - Sensitron

Part # SMC6M50-08-1-YY
Description  Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SMC6M50-08-1-YY Datasheet(HTML) 4 Page - Sensitron

  SMC6M50-08-1-YY Datasheet HTML 1Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 2Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 3Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 4Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 5Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 6Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 7Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 8Page - Sensitron SMC6M50-08-1-YY Datasheet HTML 9Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600, FAX 631 242 9798
• World Wide Web - www.sensitron.com • E-mail Address - sales@sensitron.com • Page 4
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 1023, REV. D
PARAMETER SYMBOL CONDITIONS (NOTE 1)
MIN.
TYP.
MAX.
UNITS
Power Output Section
Drain-Source Leakage Current IDss at 0.8VDss
Diode Forward Voltage VF at IF = 20 A
Diode Reverse Recovery Time trr IF = 20A, di/dt = -100A/usec,
250
1.0
300
uA
V
nSec
Drain-to-Source On-Resistance Rds(on) ID =20A
80V, 40A Device, SMC6M40-08
80V, 50A Device, SMC6M50-08
100V, 40A Device, SMC6M40-10
100V, 50A Device, SMC6M50-10
150V, 40A Device, SMC6M40-15
200V, 40A Device, SMC6M40-20
VCC =12V Note (3)
13
5
15
10
18
45
m
Control Section
Control Supply Current Icc at Vcc =12V
Control Turn-On Threshold Vcc(+) Tc over operating range
Driver Turn-On Threshold Vcc(+) Tc over operating range
9.0
8.0
10.5
9.0
30
11.0
10.0
mA
V
V
5V Reference Section
Output Voltage Vref
Output Current Io
Load Regulation Iload = 0mA to –20mA
4.7
-
-
5.0
-
-
5.3
30
30
V
mA
mV
Error Amplifier / Spare Amplifier Sections
EA1 / EA2 Input Offset Current Ios V(pin 2) = V(pin 4) = 0V
V(pin 3) = V(pin 6) = 0V
EA1 / EA2 Input Bias Current Iin V(pin 2) = V(pin 4) = 0V
V(pin 3) = V(pin 6) = 0V
Input Offset Voltage, VCM=0V
Amplifier Input Common-mode Voltage Range Vcc=12V
Amplifier Output Voltage Range VOH
Amplifier Output Voltage Range VOL
-
-
-
0
10
-
6
100
1.5
-
11
0.1
75
500
5
9
-
0.5
nA
nA
mV
V
V
V
PWM Comparator Section
Propagation Delay Time
70
-
150
nsec
Input Common Mode range
2.0
8.0
V
Current-Sense Amplifier Section
ISH / ISL Input Voltage Range
Input Offset Voltage
Input Bias Current
Amplifier Voltage Gain
High Level Output Voltage, Iout =-100 uA
Low Level Output Voltage , Iout =100 uA
Output Source Current
-0.5
-
5
4.75
6.0
-
300
-
-
10
5.0
-
-
-
Vcc – 1.0
8
15
5.25
-
70
-
V
mV
uA
V
V
mV
uA
Over-Current Comparator
Input Common-mode Range
Propagation Delay Time
0.0
40
-
170
50
260
V
nsec
Logic Input Section
H1, H2, H3 High-Level Input Voltage Threshold
H1, H2, H3 Input Hysteresis
H1, H2, H3 Input Current, 0.0 < Vin <5.0V
Coast, Start/Stop High-Level Input Voltage Threshold
Coast, Start/Stop Low -Level Input Voltage Threshold
Quad, Brake, Dir in High-Level Input Voltage Threshold
Quad, Brake, Dir in Low-Level Input Voltage Threshold
1.7
0.6
-
3.6
-
3.6
-
1.9
-
-30
-
-
-
-
2.1
1.0
-
-
1.9
-
1.9
V
V
uA
V
V
V
V
Tachometer
Tachometer Output High Level Voh
Tachometer Output Low Level Vol
Tachometer On-Time ton
Tachometer On-Time Variation
Speed Input Threshold Voltage Vth
4.7
-
90
0.200
5.0
-
120
0.250
5.3
50
140
0.280
V
mV
us
V
Oscillator Section
Oscillator Frequency fo
18
20.0
22.0
kHz
Over-Temperature Shutdown
Trip Temperature
Reset Temperature
135
115
145
125
155
135
oC
SMC6MXX-XX
SMC6MXX-XX-1


Similar Part No. - SMC6M50-08-1-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-10-1 SENSITRON-SMC6M40-10-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25 SENSITRON-SMC6M40-25 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
SMC6M40-25-1 SENSITRON-SMC6M40-25-1 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
More results

Similar Description - SMC6M50-08-1-YY

ManufacturerPart #DatasheetDescription
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
   Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
International Rectifier
OM9371 IRF-OM9371 Datasheet
142Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
   25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
promoco-motors.com
BLDC-5015 PROMOCO-BLDC-5015 Datasheet
346Kb / 2P
   Brushless DC Motor Driver
logo
NXP Semiconductors
MC34929 NXP-MC34929 Datasheet
963Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
Rev. 7.0, 11/2006
logo
Freescale Semiconductor...
MC34929EP FREESCALE-MC34929EP Datasheet
833Kb / 23P
   Brushless DC 1.0 AMP 28 VOLT Motor Driver IC
logo
Cherry Semiconductor Co...
CS-5143 CHERRY-CS-5143 Datasheet
578Kb / 10P
   brushless DC Motor Driver/Controller
logo
List of Unclassifed Man...
PT-308 ETC-PT-308 Datasheet
97Kb / 1P
   DC Brushless Motor Driver IC
logo
Anaren Microwave
MSK4324 ANAREN-MSK4324 Datasheet
936Kb / 8P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
logo
M.S. Kennedy Corporatio...
MSK4324HU MSK-MSK4324HU Datasheet
373Kb / 7P
   10 AMP, 200V, 3 PHASE MOSFET BRUSHLESS MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com