Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F723A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74F723A
Description  Quad 2-to-1 data selector multiplexer 3-State
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F723A Datasheet(HTML) 3 Page - NXP Semiconductors

  74F723A Datasheet HTML 1Page - NXP Semiconductors 74F723A Datasheet HTML 2Page - NXP Semiconductors 74F723A Datasheet HTML 3Page - NXP Semiconductors 74F723A Datasheet HTML 4Page - NXP Semiconductors 74F723A Datasheet HTML 5Page - NXP Semiconductors 74F723A Datasheet HTML 6Page - NXP Semiconductors 74F723A Datasheet HTML 7Page - NXP Semiconductors 74F723A Datasheet HTML 8Page - NXP Semiconductors 74F723A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product specification
74F723A/74F723–1/
74F725A/74F725–1
Multiplexers
1990 Dec 13
3
PIN CONFIGURATION – 74F723A/74F723-1
SF01226
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
OE
INV
D1a
D1b
VCC
D2a
D2b
D2c
S0
S1
D0a
D0b
D0c
Q0
GND
GND
Q2
Q3
D3a
Q1
D3b
D3c
D1c
VCC
PIN CONFIGURATION – 74F725A/74F725-1
24
23
22
21
20
19
18
17
16
15
14
13
12
10
11
9
8
7
6
5
4
3
2
1
D0a
D0b
D1a
D1b
D1d
D2a
D2b
D2c
D2d
D3d
SO
S1
D0c
D0d
Q1
GND
Q2
Q3
D3a
Q0
D3b
D3c
D1c
VCC
SF01227
LOGIC SYMBOL – 74F723A/74F723-1
13
S0
S1
Q1
Q0
1
2
3
2221
20
17
1615
10
48
Q2
Q3
59
INV
14
23
VCC = Pin 18, 19
GND = Pin 6, 7
SF01228
24
11
12
D0a D0b
D1a D1b
D2a D2b
D3a D3b
D0c
D1c
D2c
D3c
OE
LOGIC SYMBOL – 74F725A/74F725-1
VCC = Pin 18
GND = Pin 7
23
S0
S1
D0a D0b
D1a D1b
D2a D2b
D3a
Q1
Q0
1
2
3
4
22
21
20
19
17
16
55
Q2
Q3
69
D3b
24
D0c
D1c
D2c
D3c
15
14
10
11
12
SF01229
D0d
D1d
D2d
D3d
13
LOGIC SYMBOL (IEEE/IEC) – 74F723A/74F723-1
SF01230
MUX
G1
EN
13
23
24
2
3
22
20
17
16
1
10
15
M
4
5
8
9
21
12
11
G2
14
LOGIC SYMBOL (IEEE/IEC) – 74F725A/74F725-1
SF01231
MUX
G1
G2
24
23
2
3
4
22
21
20
1
17
19
5
6
9
8
15
14
10
11
12
16
13


Similar Part No. - 74F723A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F711-1 PHILIPS-74F711-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F711A PHILIPS-74F711A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712-1 PHILIPS-74F712-1 Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
74F712A PHILIPS-74F712A Datasheet
132Kb / 16P
   consist of five 2-to-1 multiplexers designedfor address multiplexing of dynamic RAMs and other multiplexing applicationThe outputs source 15mA
1990 Dec 13
logo
National Semiconductor ...
74F74 NSC-74F74 Datasheet
159Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
More results

Similar Description - 74F723A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
DM74ALS257 FAIRCHILD-DM74ALS257 Datasheet
74Kb / 7P
   3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
logo
NXP Semiconductors
74F258A PHILIPS-74F258A Datasheet
74Kb / 8P
   Quad 2-line to 1-line selector/multiplexer, inverting 3-State
1996 Jan 05
logo
Integral Corp.
IN74ACT258 INTEGRAL-IN74ACT258 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74HC257 SLS-SL74HC257 Datasheet
47Kb / 5P
   Quad 2-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74ACT257 INTEGRAL-IN74ACT257 Datasheet
176Kb / 5P
   QUAD 2-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
STMicroelectronics
HCC40257B STMICROELECTRONICS-HCC40257B Datasheet
267Kb / 11P
   QUAD 2-LINE-TO-1-LINE DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74LS253 FAIRCHILD-DM74LS253 Datasheet
56Kb / 6P
   3-STATE Data Selector/Multiplexer
logo
NXP Semiconductors
74F257A PHILIPS-74F257A Datasheet
79Kb / 10P
   Quad 2-line to 1-line selector/multiplexer, non-inverting 3-State
1995 Mar 31
logo
Fairchild Semiconductor
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com