Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6152A50 Datasheet(PDF) 5 Page - EM Microelectronic - MARIN SA

Part # 6152A50
Description  5V Automotive Regulator with Windowed Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

6152A50 Datasheet(HTML) 5 Page - EM Microelectronic - MARIN SA

  6152A50 Datasheet HTML 1Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 2Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 3Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 4Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 5Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 6Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 7Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 8Page - EM Microelectronic - MARIN SA 6152A50 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
R
EM6152A
Copyright © 2006, EM Microelectronic-Marin SA
5
www.emmicroelectronic.com
06/06, rev. B, Prelim.
Timing Characteristics
VINPUT = 13.5 V, IL = 100 μA, CL = 10 μF + 100 nF, CINPUT = 22 μF, Tj = -40 to + 125 °C, unless otherwise specified
Parameter
Symbol Test Conditions
Min.
Typ.
Max.
Units
Propagation delay TCL to Output Pins
TDIDO
250
500
ns
VIN sensitivity
TSEN
VINhigh=1.1xVREF, VINlow=0.9xVREF
0.5
3
15
μs
Watchdog Reset Pulse Period
TWDRP
TCL
inactive
TCW + TOW+ TWDR
ms
Version V30
Power-on Reset delay
TPOR
ROSC= 116.9 kΩ ±1%
91.6
100
108.3
Closed Window Time
TCW
74
80
85.76
Open Window Time
TOW
37
40
42.88
ms
Watchdog Time
TWD
92.5
100
107.2
Watchdog Reset Pulse Width if no TCL
TWDR
2.25
2.5
2.75
Version V50
Power-on Reset delay
TPOR
ROSC= 121.6 kΩ ±1%
91.6
100
108.3
Closed Window Time
TCW
74
80
85.76
Open Window Time
TOW
37
40
42.88
ms
Watchdog Time
TWD
92.5
100
107.2
Watchdog Reset Pulse Width if no TCL
TWDR
2.25
2.5
2.75
Version V53
Power-on Reset delay
TPOR
ROSC = 23.2 kΩ ±1%
4.57
5.0
5.44
Closed Window Time
TCW
9.24
10
10.77
Open Window Time
TOW
18.48
20
21.54
ms
Watchdog Time
TWD
18.48
20
21.54
Watchdog Reset Pulse Width if no TCL
TWDR
0.56
0.625
0.69
Version V55
Power-on Reset delay
TPOR
ROSC = 107.5 kΩ ±1%
91.6
100
108.3
Closed Window Time
TCW
74
80
85.76
Open Window Time
TOW
37
40
42.88
Watchdog Time
TWD
92.5
100
107.2
ms
Watchdog Reset Pulse Width if no TCL
TWDR
2.25
2.5
2.75
Watchdog Reset Pulse Width in Sleep Mode
TWDRS
ROSC off; RINT=1MΩ
2.8
3.2
3.6
Watchdog Reset Pulse Period in Sleep Mode
TWDRPS
TCL
inactive
750
1100
1450
Table 4
For different values of TWD and ROSC, see figures 9 to 12.
Timing Waveforms
Watchdog Timeout Period
Fig. 4
TCW (closed window)
TOW (open)
TWD
80
120
Time [ms]
Watchdog
timer reset
( V30, V50 and V55 have similar ratios for TCW and TOW )
Version V50:
TCW (closed)
TOW (open)
10
30
Time [ms]
Watchdog
timer reset
Version V53:
For ROSC=121.6 kOhm
For ROSC=23.2 kOhm
TWD


Similar Part No. - 6152A50

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
6152 HONEYWELL-6152 Datasheet
177Kb / 2P
   ALPHA AND FIXED-LANGUAGE SECURITY KEYPADS
logo
Anaren Microwave
61525 ANAREN-61525 Datasheet
876Kb / 4P
   Attenuators PIN Diode
61526 ANAREN-61526 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61527 ANAREN-61527 Datasheet
1Mb / 4P
   Attenuators PIN Diode
61528 ANAREN-61528 Datasheet
868Kb / 4P
   Attenuators PIN Diode
More results

Similar Description - 6152A50

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6152 EMMICRO-EM6152 Datasheet
531Kb / 12P
   5V Automotive Regulator with Windowed Watchdog
EM6153 EMMICRO-EM6153 Datasheet
480Kb / 11P
   5V Automotive Regulator with Inhibit Input and Windowed Watchdog
EM6156 EMMICRO-EM6156 Datasheet
492Kb / 11P
   5V 120mA Automotive LDO Regulator with Watchdog
logo
Monolithic Power System...
MP6411 MPS-MP6411 Datasheet
307Kb / 14P
   Windowed Watchdog Timer
logo
Toshiba Semiconductor
TA8000S TOSHIBA-TA8000S Datasheet
382Kb / 11P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8007F TOSHIBA-TA8007F Datasheet
219Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8045BF TOSHIBA-TA8045BF Datasheet
262Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA7900F TOSHIBA-TA7900F Datasheet
265Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8000F TOSHIBA-TA8000F Datasheet
268Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
TA8006ASN TOSHIBA-TA8006ASN Datasheet
307Kb / 7P
   5V VOLTAGE REGULATOR WITH WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com