Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRF-1016Z Datasheet(PDF) 5 Page - SIRENZA MICRODEVICES

Part # SRF-1016Z
Description  65 - 300 MHz Silicon Germanium IF Receiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRENZA [SIRENZA MICRODEVICES]
Direct Link  
Logo SIRENZA - SIRENZA MICRODEVICES

SRF-1016Z Datasheet(HTML) 5 Page - SIRENZA MICRODEVICES

  SRF-1016Z Datasheet HTML 1Page - SIRENZA MICRODEVICES SRF-1016Z Datasheet HTML 2Page - SIRENZA MICRODEVICES SRF-1016Z Datasheet HTML 3Page - SIRENZA MICRODEVICES SRF-1016Z Datasheet HTML 4Page - SIRENZA MICRODEVICES SRF-1016Z Datasheet HTML 5Page - SIRENZA MICRODEVICES SRF-1016Z Datasheet HTML 6Page - SIRENZA MICRODEVICES  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
303 South Technology Court
Phone: (800) SMI-MMIC
http://www.sirenza.com
Broomfield, CO 80021
5
EDS102092 Rev B
Preliminary Data Sheet
SRF-1016 SiGe IF Receiver
Package Dimensions
Suggested PCB Pad Layout
Pin Out Description
Pin #
Function
Description
Additional Comments
1
BBIN
Baseband I-axis output (-)
self-biasing
2
BBIP
Baseband I-axis output (+)
self-biasing
3
VCC
Positive power supply
4
GC2
Gain control input, stage 2
5V CMOS levels
5
GC1
Gain control input, stage 1
5V CMOS levels
6
VEE
Ground
7
VCC
Positive power supply
8
INP
IF input (+)
self-biasing; AC-couple
9
INN
IF input (-)
self-biasing; AC-couple
10
VCC
Positive power supply
11
VEE
Ground
12
LON
LO input (-)
self-biasing; AC-couple
13
LOP
LO input (+)
self-biasing; AC-couple
14
VCC
Positive power supply
15
BBQN
Baseband Q-axis output (-)
self-biasing
16
BBQP
Baseband Q-axis output (+)
self-biasing
0.118
(3.0)
0.118
(3.0)
0.049
(1.25)
0.272 (6.9)
0.035
(0.9)
φ0.010 (0.25) via
- Indicates metalization
- vias connect pad to underlying ground plane
all units are in inches (mm)
0.012
(0.30)
0.014
(0.35)
0.024
(0.63)
0.028
(0.7)
EXPOSED
THERMAL
PAD ZONE
0.118 (3.0) SQ.
NOTES:
1. PACKAGE BODY SIZES EXCLUDE MOLD FLASH
PROTRUSIONS OR GATE BURRS.
2. TOLERANCE ±0.1MM UNLESS OTHERWISE
SPECIFIED.
3. COPLANARITY: 0.1MM
4. CONTROLLING DIMENSION IS MILLIMETER,
CONVERTED INCH DIMENSIONS ARE NOT
NECESSARILY EXACT.
5. FOLLOWED FROM JEDEC MO-153.
XXX
XXXX
LOT ID
Dimensions in inches (mm)
Part #
Lot #
0.004 (0.1)
0.008 (0.2)
0.193 (4.9)
0.207 (5.25)
0.169 (4.3)
0.177 (4.5)
0.252 (6.4)
0.007 (0.19)
0.012 (0.30)
0.026 (.65)
0.031 (0.8)
0.041 (1.05)
0.0
0.006 (0.15)
0.018 (0.45)
0.030 (0.75)


Similar Part No. - SRF-1016Z

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SRF-1016Z ETC1-SRF-1016Z Datasheet
216Kb / 9P
   Reliability Qualification Report
More results

Similar Description - SRF-1016Z

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0797 ATMEL-ATR0797 Datasheet
474Kb / 11P
   65-300 MHZ SIGE IF RECEIVER DEMODULATOR
T0797 ATMEL-T0797 Datasheet
136Kb / 10P
   65 - 300 MHz SiGe IF Receiver / Demodulator
logo
SIRENZA MICRODEVICES
SRF-2016 SIRENZA-SRF-2016 Datasheet
122Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
Stanford Microdevices
SRF-2016 STANFORD-SRF-2016 Datasheet
127Kb / 7P
   200 - 600 MHz Silicon Germanium IF Receiver
logo
NXP Semiconductors
BGO387 PHILIPS-BGO387 Datasheet
60Kb / 8P
   300 MHz Optical receiver
2002 Dec 03
logo
Analog Devices
AD6684 AD-AD6684 Datasheet
2Mb / 107P
   135 MHz Quad IF Receiver
AD6677 AD-AD6677 Datasheet
1Mb / 48P
   80 MHz Bandwidth, IF Receiver
logo
Micro Commercial Compon...
1N34A MCC-1N34A_09 Datasheet
256Kb / 3P
   Germanium Diode 65 Volt
1N34A MCC-1N34A Datasheet
69Kb / 1P
   65 Volt Germanium Diode
logo
Stanford Microdevices
SGA-7489 STANFORD-SGA-7489 Datasheet
521Kb / 8P
   DC-3000 MHZ SILICON GERMANIUM
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com