Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG644V-D2 Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # W3DG644V-D2
Description  32MB - 4M x 64 SDRAM UNBUFFERED
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG644V-D2 Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  W3DG644V-D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG644V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG644V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG644V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG644V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG644V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
July 2004
Rev 1
W3DG644V-D2
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
PRELIMINARY
OPERATING CURRENT CHARACTERISTICS
(VCC = 3.3V, 0°C
TA 70°C)
Notes: 1. Measured with outputs open.
2. Refresh period is 64ms.
Parameters
Symbol
Conditions
Versions
Units
Note
133
100
Operating Current
(One bank active)
ICC1
Burst Length = 1
tRC ≥ tRC(min)
IOL = 0mA
300
300
mA
1
Precharge Standby Current
in Power Down Mode
ICC2P
CKE ≤ VIL(max), tCC = 10ns
4mA
ICC2PS
CKE & CK ≤ VIL(max), tCC = ∞
4mA
Precharge Standby Current
in Non-Power Down Mode
ICC2N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC =10ns
Input signals are charged one time during 20
48
mA
ICC2NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC= ∞
Input signals are stable
24
mA
Active standby current in power-
down mode
ICC3P
CKE ≥ VIL(max), tCC = 10ns
8mA
ICC3PS
CKE & CK ≤ VIL(max), tCC = ∞
8
Active standby in current non
power-down mode
ICC3N
CKE ≥ VIH(min), CS ≥ VIH(min), tCC = 10ns
Input signals are charged one time during 20ns
80
mA
ICC3NS
CKE ≥ VIH(min), CK ≤ VIL(max), tCC = ∞
input signals are stable
40
mA
Operating current (Burst mode)
ICC4
Io = mA
Page burst
4 Banks activated
tCCD = 2CK
460
460
mA
1
Refresh current
ICC5
tRC ≥ tRC(min)
360
360
mA
2
Self refresh current
ICC6
CKE ≤ 0.2V
4mA


Similar Part No. - W3DG644V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG64126V-D2 WEDC-W3DG64126V-D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3DG64126V10D2 WEDC-W3DG64126V10D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3DG64126V75D2 WEDC-W3DG64126V75D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3DG64126V7D2 WEDC-W3DG64126V7D2 Datasheet
239Kb / 9P
   1GB - 2x64Mx64, SDRAM UNBUFFERED
W3DG64128V-D1 WEDC-W3DG64128V-D1 Datasheet
130Kb / 7P
   1GB - 2x64Mx64 SDRAM, UNBUFFERED w/PLL
More results

Similar Description - W3DG644V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WED3DG644V-D1 WEDC-WED3DG644V-D1 Datasheet
186Kb / 8P
   32MB - 4Mx64 SDRAM, UNBUFFERED
logo
Mosel Vitelic, Corp
V43644R04VCTG-10PC MOSEL-V43644R04VCTG-10PC Datasheet
54Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43644R04VCTG-75 MOSEL-V43644R04VCTG-75 Datasheet
172Kb / 12P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
logo
White Electronic Design...
WED3DG649V-D2 WEDC-WED3DG649V-D2 Datasheet
116Kb / 5P
   64MB- 8M x 64 SDRAM UNBUFFERED
logo
Mosel Vitelic, Corp
V43644Y04VTG-10PC MOSEL-V43644Y04VTG-10PC Datasheet
147Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43644Y04VCTG-10PC MOSEL-V43644Y04VCTG-10PC Datasheet
131Kb / 10P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V58C365164S MOSEL-V58C365164S Datasheet
516Kb / 44P
   64 Mbit DDR SDRAM 4M X 16, 3.3VOLT
V43658R04V MOSEL-V43658R04V Datasheet
207Kb / 12P
   3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
V43644Y04VCTG-75 MOSEL-V43644Y04VCTG-75 Datasheet
128Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V58C265164S MOSEL-V58C265164S Datasheet
451Kb / 44P
   64 Mbit DDR SDRAM 2.5 VOLT 4M X 16
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com