Electronic Components Datasheet Search |
|
STR715FRX Datasheet(PDF) 23 Page - STMicroelectronics |
|
STR715FRX Datasheet(HTML) 23 Page - STMicroelectronics |
23 / 74 page STR71xF Introduction 23/74 Table 6. STR711/STR712/STR715 Pin Description Pin n° Pin Name Input Output Main function (after reset) Alternate function 1A1 P0.10/U1.RX/ U1.TX/ SC.DATA I/O pd CT X 4mA T Port 0.10 UART1: Receive Data input UART1: Transmit data output. Note: This pin may be used for Smartcard DataIn/DataOut or single wire UART (half duplex) if programmed as Alternate Function Output. The pin will be tri-stated except when UART transmission is in progress 2B1 P0.11/BOOT.1 /U1.TX I/O pd CT 4mA X X Port 0.11 Select Boot Configuration input UART1: Transmit data output. 3 C1 P0.12/SC.CLK I/O pd CT 4mA Port 0.12 Smartcard reference clock output 4B2 VSS S Ground voltage for digital I/Os2) 5C2 P0.13/U2.RX/ T2.OCMPA I/O pu CT X4mA X X Port 0.13 UART2: Receive Data input Timer2: Output Compare A output 6D1 P0.14/U2.TX/ T2.ICAPA I/O pu CT 4mA X X Port 0.14 UART2: Transmit data output Timer2: Input Capture A input 7C3 BOOTEN I CT Boot control input. Enables sampling of BOOT[1:0] pins 8D2 VSS S Ground voltage for digital I/Os2) 9E1 V33 S Supply voltage for digital I/Os2) 10 D3 JTDI I TT JTAG Data input. External pull-up required. 11 E2 JTMS I TT JTAG Mode Selection Input. External pull-up required. 12 F1 JTCK I C JTAG Clock Input. External pull-up or pull-down required. 13 D4 JTDO O 8mA X JTAG Data output. Note: Reset state = HiZ. 14 F2 JTRST I TT JTAG Reset Input. External pull-up required. 15 E3 NU Reserved, must be forced to ground. 16 G1 TEST Reserved, must be forced to ground. 17 H1 V33IO-PLL S Supply voltage for digital I/O circuitry and for PLL reference2) 18 H2 VSSIO-PLL S Ground voltage for digital I/O circuitry and for PLL reference2) 19 H3 CK I C Reference clock input |
Similar Part No. - STR715FRX |
|
Similar Description - STR715FRX |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |