Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRA135-120 Datasheet(PDF) 2 Page - DB Lectro Inc

Part # FRA135-120
Description  Radial Leaded PTC FRA Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRA135-120 Datasheet(HTML) 2 Page - DB Lectro Inc

  FRA135-120 Datasheet HTML 1Page - DB Lectro Inc FRA135-120 Datasheet HTML 2Page - DB Lectro Inc FRA135-120 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
FRA Product Dimensions (millimeters)
FRA 010-120 ~ FRA 090-120
FRA 110-120 ~ FRA 375-120
Lead Size :22AWG,
Lead Size : 20AWG,
Φ 0.65 mm Diameter
Φ 0.81 mm Diameter
AB
C
D
E
F
Part
Number
Maximum Maximum Typical
Minimum
Maximum
Typical
FRA010-120
7.4
12.7
5.1
7.6
5.0
3.0
FRA017-120
7.4
12.7
5.1
7.6
5.0
3.0
FRA020-120
7.4
12.2
5.1
7.6
5.0
3.0
FRA025-120
7.4
12.7
5.1
7.6
5.0
3.0
FRA030-120
7.4
13.0
5.1
7.6
5.0
3.0
FRA040-120
8.2
14.2
5.1
7.6
5.0
3.0
FRA050-120
9.2
14.9
5.1
7.6
5.0
3.0
FRA065-120
9.7
14.9
5.1
7.6
5.0
3.0
FRA075-120
10.6
15.5
5.1
7.6
5.0
3.0
FRA090-120
11.9
15.9
5.1
7.6
5.0
3.0
FRA110-120
13.3
18.3
5.1
7.6
5.0
3.0
FRA135-120
15.5
20.6
5.1
7.6
5.0
3.0
FRA160-120
17.5
22.5
5.1
7.6
5.0
3.0
FRA185-120
19.9
24.9
5.1
7.6
5.0
3.0
FRA250-120
22.5
27.5
10.2
7.6
5.0
3.0
FRA300-120
25.5
30.0
10.2
7.6
5.0
3.0
FRA375-120
29.5
34.0
10.2
7.6
5.0
3.0
Thermal Derating Curve
Thermal Derating Curve - FRA Series
0.0%
50.0%
100.0%
150.0%
200.0%
-40
-20
0
20406080
Ambient Temperature (C)
Radial Leaded PTC FRA Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FRA135-120

ManufacturerPart #DatasheetDescription
logo
RFE international
FRA135-120F RFE-FRA135-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
More results

Similar Description - FRA135-120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com