Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRA300-120 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # FRA300-120
Description  Radial Leaded PTC FRA Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

FRA300-120 Datasheet(HTML) 1 Page - DB Lectro Inc

  FRA300-120 Datasheet HTML 1Page - DB Lectro Inc FRA300-120 Datasheet HTML 2Page - DB Lectro Inc FRA300-120 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Electrical Characteristics(23
)
Resistance Tolerance
Hold
Current
Trip
Current
Max.Time
to Trip
Maximum
Current
Rated
Voltage
Typical
Power
RMIN
R1MAX
Part
Number
IH,A
IT,A
at 5xIH
IMAX,A
VMAX,V
Pd, W
ΩΩ
FRA010-120
0.10
0.20
4.0
0.5
120
0.57
2.50
7.50
FRA017-120
0.17
0.34
3.0
0.5
120
0.59
2.00
7.00
FRA020-120
0.20
0.40
2.2
1.0
120
0.62
1.83
4.40
FRA025-120
0.25
0.50
2.5
1.0
120
0.68
1.25
3.00
FRA030-120
0.30
0.60
3.0
1.0
120
0.74
0.88
2.10
FRA040-120
0.40
0.80
3.8
1.0
120
0.84
0.55
1.29
FRA050-120
0.50
1.00
4.0
2.0
120
1.16
0.50
1.17
FRA065-120
0.65
1.30
5.3
2.0
120
1.32
0.31
0.72
FRA075-120
0.75
1.50
6.3
2.0
120
1.38
0.25
0.60
FRA090-120
0.90
1.80
7.2
3.0
120
1.49
0.20
0.47
FRA110-120
1.10
2.20
8.2
3.0
120
2.25
0.15
0.38
FRA135-120
1.35
2.70
9.6
5.0
120
2.55
0.12
0.30
FRA160-120
1.60
3.20
11.4
5.0
120
2.85
0.09
0.22
FRA185-120
1.85
3.70
12.6
5.0
120
3.15
0.08
0.19
FRA250-120
2.50
5.00
15.6
7.0
120
3.75
0.05
0.13
FRA300-120
3.00
6.00
19.8
10.0
120
4.20
0.04
0.10
FRA375-120
3.75
7.50
24.0
10.0
120
4.80
0.03
0.08
IH=Hold current-maximum current at which the device will not trip at 23
still air.
IT=Trip current-minimum current at which the device will always trip at 23
still air.
V MAX=Maximum voltage device can withstand without damage at its rated current.
I MAX= Maximum fault current device can withstand without damage at rated voltage (V max).
Pd=Typical power dissipated from device when in the tripped state in 23
still air environment.
RMIN=Minimum device resistance at 23 .
R1MAX=Maximum device resistance at 23
, 1 hour after tripping .
Physical specifications:
Lead material: FRA010~FRA090 Tin plated copper,22 AWG.
FRA110~FRA375 Tin plated copper,20 AWG.
Soldering characteristics:MIL-STD-202, Method 208E.
Insulating coating:Flame retardant epoxy ,meet UL-94V-O requirement.
Application:
Wide variety of electronic equipment
Product Features:
Low hold current, Solid state
Radial-leaded product ideal for up to 120V/120AC
Operation Current: 100mA~3.75A
Maximum Voltage: 120VAC
Temperature Range: -40
to 85
Agency Approvals: UL, C-UL
TUV pending
Radial Leaded PTC FRA Series
FUZETEC
DB LECTRO Inc., 3600-I, boulevard Matte, Brossard, QC J4Y 2Z2


Similar Part No. - FRA300-120

ManufacturerPart #DatasheetDescription
logo
RFE international
FRA300-120F RFE-FRA300-120F Datasheet
182Kb / 2P
   FRA010-120F FRA Series
More results

Similar Description - FRA300-120

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0ZRB BEL-0ZRB_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRM BEL-0ZRM Datasheet
211Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
30R LITTELFUSE-30R Datasheet
116Kb / 2P
   Radial Leaded PTC
logo
Bel Fuse Inc.
0ZRE BEL-0ZRE Datasheet
316Kb / 2P
   Radial Leaded PTC
0ZRA BEL-0ZRA_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRE BEL-0ZRE_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRK BEL-0ZRK Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF_16 Datasheet
1Mb / 4P
   Radial Leaded PTC
0ZRF BEL-0ZRF Datasheet
323Kb / 2P
   Radial Leaded PTC
logo
Littelfuse
60R LITTELFUSE-60R Datasheet
152Kb / 2P
   Radial Leaded PTC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com