Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM9166 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # BM9166
Description  250mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BM9166 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  BM9166 Datasheet HTML 1Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 2Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 3Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 4Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 5Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 6Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 7Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 8Page - List of Unclassifed Manufacturers BM9166 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BM9166
250mA CMOS LDO
2004/8/30
Page 9
PACKAGE DIMENSION (CONTINUED)
SOT-23-3 (M23)
E1
L
c1
D
E
A
A2
A1
b
b1
c
θ
θ2
θ1
e1
e
L1
D
e
e1
b
θ2
θ1
b1
b
Base Metal
With Plating
Section B-B
See Section B-B
L1
L
12
3
SOT-89 (M89)
e1
e
D1
H
E
A
b
L
b1
C
D
D
D1
e
e1
8
 
b
b1
b
C
φ1.0


Similar Part No. - BM9166

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
BM9164 BOOKLY-BM9164 Datasheet
421Kb / 7P
   1A BiCMOS LDO
BM9164-3.3 BOOKLY-BM9164-3.3 Datasheet
421Kb / 7P
   1A BiCMOS LDO
BM9164-5.0 BOOKLY-BM9164-5.0 Datasheet
421Kb / 7P
   1A BiCMOS LDO
BM9164A-5.0 BOOKLY-BM9164A-5.0 Datasheet
421Kb / 7P
   1A BiCMOS LDO
BM9165 BOOKLY-BM9165 Datasheet
464Kb / 6P
   Ultra Low Dropout 2A CMOS LDO
More results

Similar Description - BM9166

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
AME8822 AME-AME8822_13 Datasheet
232Kb / 21P
   High PSRR, 250mA CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011PCT TSC-TS9011PCT Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_07 Datasheet
269Kb / 6P
   250mA Low Quiescent Current CMOS LDO
TS9011 TSC-TS9011_15 Datasheet
399Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCX TSC-TS9011PCX Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
TS9011PCY TSC-TS9011PCY Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
logo
Mitsumi Electronics, Co...
MM1886 MITSUMI-MM1886 Datasheet
183Kb / 21P
   250mA/300mA LDO
logo
Lowpower Semiconductor ...
LP2202 POWER-LP2202 Datasheet
389Kb / 8P
   250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com