Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM6617 Datasheet(PDF) 2 Page - EM Microelectronic - MARIN SA

Part # EM6617
Description  Ultra Low Power Microcontroller with ADC AND EEPROM
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM6617 Datasheet(HTML) 2 Page - EM Microelectronic - MARIN SA

  EM6617 Datasheet HTML 1Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 2Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 3Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 4Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 5Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM6617 Datasheet HTML 9Page - EM Microelectronic - MARIN SA Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 65 page
background image
EM6617
Copyright
© 2005, EM Microelectronic-Marin SA
2
www.emmicroelectronic.com
EM6617 at a glance
• Power Supply
- Low voltage low power architecture
including internal voltage regulator
- 2.0 ... 5.5 V battery voltage for all logic functions
- 2.6 ... 5.5 V battery voltage for the ADC (0.2LSB)
- 3.2 µA in active mode, ADC off
- 9.0 µA active mode, ADC on
- 0.6µA in standby mode
- 0.1µA in sleep mode
- 32 KHz crystal oscillator
• RAM
- 64 x 4 bit, direct addressable
- 64 x 4 bit, indirect addressable
• ROM
- 3072 x 16 bit metal mask programmable
• E
2PROM
- 64 x 8 bit, indirect addressable
- Interrupt request at the end of a write operation
• CPU
- 4 bit RISC architecture
- 2 clock cycles per instruction
- 72 basic instructions
• Main Operating Modes and Resets
- Active Mode
(CPU is running)
- Standby Mode (CPU in halt)
- Sleep Mode
(No clock, reset state)
- Initial reset on power on (POR)
- Watchdog resets (logic and oscillation watchdogs)
- Reset terminal
- Reset with input combination on port A register
selectable, ¨AND¨ or ¨OR¨ type by metal mask
• 4-Bit Input Port A
- Direct input read on the port terminals
- Debouncer function available on all inputs
- Interrupt request on positive or negative edge
- Pull-up or pull-down or none selectable by register
- Test variables (software) for conditional jumps
- PA[0] and PA[3] are inputs for the event counter
- Reset with input combination (register selectable)
• Serial Write Buffer (output)
- Max 256 bits long bit rates of 16kHz,8kHz,2kHz,1kHz
- Automatic or interactive send mode
- Interrupt request when buffer is empty
• 2 Channel 8-bit ADC
- Conversion time is 305
µs @32kHz
- 2 operating modes (continuous, single)
- Interrupt request at the end of conversion
• Prescaler
- 15 stage system clock divider down to 1 Hz
- 2 Interrupt requests; 1 Hz, 32 Hz or 8 Hz
- Prescaler reset (4 KHz to 1Hz)
• 4-Bit Bi-directional Port B
- All different functions bit-wise selectable
- Direct input read on the port terminals
- Data output latches
- CMOS or Nch. open drain outputs
- Pull-down or pull-up selectable
- Weak pull-up in Nch. open drain mode
- Selectable PWM, 1kHz, 32kHz and 2kHz output
• 4Bit Bi-directional Port C
- Input or output mode as whole port
- Direct input read on port terminal
- Data output latches
- CMOS or Nch. open drain outputs
- Pull-down or pull-up selectable
- Weak pull-up in Nch. open drain mode
• Voltage Level Detector
- 3 levels software selectable (2.0, 2.5, 3.0 V)
- Busy flag during measure
- Interrupt request at end of measure
• 10-Bit Universal Counter
- 10, 8, 6 or 4bit up/down counting
- Parallel load
- 8 different input clocks
- Event counting (PA[0] or PA[3] )
- Full 10 bit or limited (8, 6, 4 bit) compare function
- 2 interrupt requests (on compare and on 0)
- Hi-frequency input on PA[3] and PA[0]
- Pulse-width modulation (PWM) output
• Interrupt Controller
- 4 external and 8 internal interrupt request sources
- Each interrupt can individually be maskable
- Each interrupt can individually be reset
- Automatic reset of each interrupt request after read
- General interrupt request to CPU can be disabled
- Automatic enabling of general interrupt request flag
when going into HALT mode


Similar Part No. - EM6617

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6603 EMMICRO-EM6603 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP11 EMMICRO-EM6603WP11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WP27 EMMICRO-EM6603WP27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS11 EMMICRO-EM6603WS11 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
EM6603WS27 EMMICRO-EM6603WS27 Datasheet
669Kb / 39P
   Ultra Low Power Multi I/O Microcontroller
More results

Similar Description - EM6617

ManufacturerPart #DatasheetDescription
logo
EM Microelectronic - MA...
EM6517 EMMICRO-EM6517 Datasheet
728Kb / 64P
   MFP version of EM6617 Ultra Low Power Microcontroller with ADC and EEPROM
EM6640 EMMICRO-EM6640 Datasheet
610Kb / 62P
   Low Power Microcontroller with EEPROM AND RC Oscillator
logo
Texas Instruments
ADS4122 TI1-ADS4122_16 Datasheet
3Mb / 74P
[Old version datasheet]   Ultra Low-Power ADC
logo
ATMEL Corporation
AT43USB353M ATMEL-AT43USB353M_03 Datasheet
59Kb / 5P
   Low Cost USB Microcontroller with Hub, ADC and PWM
logo
ON Semiconductor
AX8052F100 ONSEMI-AX8052F100_18 Datasheet
224Kb / 22P
   Ultra-Low Power Microcontroller
May, 2018 ??Rev. 5
AX8052F100 ONSEMI-AX8052F100 Datasheet
737Kb / 24P
   Ultra-Low Power Microcontroller
Revision 2
AX-SIGFOX ONSEMI-AX-SIGFOX Datasheet
388Kb / 30P
   Ultra-Low Power Microcontroller
Revision 2
AX8052F100 ONSEMI-AX8052F100_16 Datasheet
283Kb / 22P
   Ultra-Low Power Microcontroller
May, 2016 ??Rev. 3
logo
ATMEL Corporation
AT43USB351M ATMEL-AT43USB351M Datasheet
683Kb / 101P
   Full-speed/Low-speed USB Microcontroller with ADC and PWM
AT43USB351M ATMEL-AT43USB351M_04 Datasheet
76Kb / 10P
   Full-speed/ Low-speed USB Microcontroller with ADC and PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com