Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74F843 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74F843
Description  Bus interface latches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F843 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74F843 Datasheet HTML 7Page - NXP Semiconductors 74F843 Datasheet HTML 8Page - NXP Semiconductors 74F843 Datasheet HTML 9Page - NXP Semiconductors 74F843 Datasheet HTML 10Page - NXP Semiconductors 74F843 Datasheet HTML 11Page - NXP Semiconductors 74F843 Datasheet HTML 12Page - NXP Semiconductors 74F843 Datasheet HTML 13Page - NXP Semiconductors 74F843 Datasheet HTML 14Page - NXP Semiconductors 74F843 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Philips Semiconductors
Product specification
74F841/74F842/74F843/
74F845/74F846
Bus interface latches
1999 Jun 23
11
AC ELECTRICAL CHARACTERISTICS for 74F841/74F842
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MAX
MIN
MAX
tPLH
tPHL
Propagation delay
Dn to Qn
74F841
Waveform 1, 2
2.0
2.5
4.0
4.5
7.5
7.5
2.0
2.5
8.0
8.0
ns
tPLH
tPHL
Propagation delay
LE to Qn
74F841
Waveform 1, 2
4.5
4.0
6.5
6.0
9.5
9.0
4.0
3.5
10.0
9.5
ns
tPLH
tPHL
Propagation delay
Dn to Qn
74F842
Waveform 1, 2
3.5
3.0
5.5
5.0
8.5
8.0
4.5
4.0
9.0
8.5
ns
tPLH
tPHL
Propagation delay
LE to Qn
74F842
Waveform 1, 2
5.0
4.5
7.0
6.5
10.0
9.0
3.0
3.0
10.5
9.5
ns
tPZH
tPZL
Output enable time
High or Low-level OEn to Qn or Qn
Waveform 5
Waveform 6
2.5
4.0
4.5
6.0
8.0
9.5
2.0
3.0
8.5
10.5
ns
tPHZ
tPLZ
Output disable time
High or Low-level OEn to Qn or Qn
Waveform 5
Waveform 6
1.0
1.0
4.5
5.0
8.0
8.0
1.0
1.0
8.5
8.5
ns
AC SETUP REQUIREMENTS for 74F841/74F842
LIMITS
Tamb = +25°C
Tamb = 0°C to +70°C
SYMBOL
PARAMETER
TEST
VCC = +5.0V
VCC = +5.0V ± 10%
UNIT
CONDITION
CL = 50pF, RL = 500Ω
CL = 50pF, RL = 500Ω
MIN
TYP
MIN
MAX
ts(H)
ts(L)
Setup time, High or Low
Dn to LE
Waveform 4
0.0
0.0
1.0
1.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to LE
74F841
Waveform 4
2.5
3.0
3.0
4.0
ns
tw(H)
LE pulse width, High
Waveform 4
3.5
4.0
ns
th(H)
th(L)
Hold time, High or Low
Dn to LE
74F842
Waveform 4
3.0
3.5
3.5
4.5
ns
tw(H)
LE pulse width, High
Waveform 4
3.0
3.0
ns


Similar Part No. - 74F843

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F843 FAIRCHILD-74F843 Datasheet
49Kb / 6P
   9-Bit Transparent Latch
74F843SC FAIRCHILD-74F843SC Datasheet
49Kb / 6P
   9-Bit Transparent Latch
74F843SPC FAIRCHILD-74F843SPC Datasheet
49Kb / 6P
   9-Bit Transparent Latch
More results

Similar Description - 74F843

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841A IDT-IDT74FCT841A Datasheet
140Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
logo
Texas Instruments
54ACT16841 TI-54ACT16841 Datasheet
113Kb / 6P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT843 TI1-SN54ABT843_15 Datasheet
590Kb / 16P
[Old version datasheet]   9-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS841 TI1-SN74ALS841_15 Datasheet
265Kb / 13P
[Old version datasheet]   10-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
54ACT16841 TI-54ACT16841_08 Datasheet
308Kb / 9P
[Old version datasheet]   20-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ABT16843 TI-SN54ABT16843_08 Datasheet
317Kb / 10P
[Old version datasheet]   18-BIT BUS-INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74ALS29843 TI1-SN74ALS29843 Datasheet
70Kb / 9P
[Old version datasheet]   9-BIT BUS INTERFACE D-TYPE LATCHES WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com