Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLBM-CF121 Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DLBM-CF121
Description  Bluetooth Module Class 2
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DLBM-CF121 Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DLBM-CF121 Datasheet HTML 5Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 6Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 7Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 8Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 9Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 10Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 11Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 12Page - Delta Electronics, Inc. DLBM-CF121 Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Preliminary
DLBM-CF120
Data Sheet
Dec 15, 2004
Proprietary Information and Specifications are Subject to Change
10.Pin description
Name
Pin No.
DLBM-CF120
DLBM-CF121
Description
1
PIO_11
Programmable I/O terminal
2
PIO_9
Programmable I/O terminal
3
*SP+
PCM_OUT
/Speaker output positive (With Audio Profile)
/Synchronous data output
4
*SP-
PCM_SYNC
/Speaker output negative (With Audio Profile)
/Synchronous data sync
5
*MIC+
PCM_CLK
/Microphone input positive (With Audio
Profile)
/Synchronous data clock
6
*MIC-
PCM_IN
/Microphone input negative (With Audio
Profile)
/Synchronous data input
7
Gnd
8
Gnd
9
Gnd
10
ANT
RF input/output
11
AIO_0
Programmable input/output
12
Gnd
13
Gnd
14
Gnd
15
Vdd_1.8V
Refer to Power supply diagram


Similar Part No. - DLBM-CF121

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CF121-MT00 DELTA-DLBM-CF121-MT00 Datasheet
392Kb / 39P
   A Class 2 Bluetooth module suitable for various applications.
More results

Similar Description - DLBM-CF121

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
logo
STMicroelectronics
SPBT2532C2AT STMICROELECTRONICS-SPBT2532C2AT Datasheet
909Kb / 48P
   Bluetooth technology class-2 module
logo
HANAMICRON
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com