Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6418V75D1 Datasheet(PDF) 6 Page - White Electronic Designs Corporation

Part # W3DG6418V75D1
Description  128MB - 16Mx64 SDRAM UNBUFFERED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6418V75D1 Datasheet(HTML) 6 Page - White Electronic Designs Corporation

  W3DG6418V75D1 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 6Page - White Electronic Designs Corporation W3DG6418V75D1 Datasheet HTML 7Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
October 2004
Rev. 1
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
W3DG6418V-D1
-JD1
PRELIMINARY
ORDERING INFORMATION FOR D1
Ordering Information
Speed
CAS Latency
Height*
W3DG6418V10D1
100MHz
CL=2
31.75 (1.250”)
W3DG6418V7D1
133MHz
CL=2
31.75 (1.250”)
W3DG6418V75D1
133MHz
CL=3
31.75 (1.250”)
Note: For industrial temperature range product, add an "I" to the end of the part number.
ORDERING INFORMATION FOR JD1
Ordering Information
Speed
CAS Latency
Height*
W3DG6418V10JD1
100MHz
CL=2
31.75 (1.250”)
W3DG6418V7JD1
133MHz
CL=2
31.75 (1.250”)
W3DG6418V75JD1
133MHz
CL=3
31.75 (1.250”)
Note: For industrial temperature range product, add an "I" to the end of the part number.
3.99
(0.157)
2.01 (0.079 Min)
67.72
(2.661 Max)
32.79
(1.291)
4.60 (0.181)
1.50 (0.059)
28.2
(1.112)
23.14
(0.913)
19.99
(0.787)
31.75
(1.250)
Max
3.81
(0.150)
MAX.
9.91
(0.039)
(± 0.004)
PACKAGE DIMENSIONS FOR D1 AND JD1
* ALL DIMENSIONS ARE IN MILLIMETERS AND (INCHES).


Similar Part No. - W3DG6418V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6418V75D2I-XX WEDC-W3DG6418V75D2I-XX Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V75D2XX WEDC-W3DG6418V75D2XX Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
More results

Similar Description - W3DG6418V75D1

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6417V-D2 WEDC-W3DG6417V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6418V-AD1 WEDC-W3DG6418V-AD1 Datasheet
123Kb / 7P
   128MB - 16Mx64 SDRAM UNBUFFERED
WED3DG6419V-D2 WEDC-WED3DG6419V-D2 Datasheet
113Kb / 6P
   128MB - 16Mx64 SDRAM UNBUFFERED
W3DG6418V-D2 WEDC-W3DG6418V-D2 Datasheet
127Kb / 7P
   128MB - 16Mx64, SDRAM UNBUFFERED
W3DG6416V-D1 WEDC-W3DG6416V-D1 Datasheet
126Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
W3DG6416V-D2 WEDC-W3DG6416V-D2 Datasheet
101Kb / 5P
   128MB-16Mx64 SDRAM UNBUFFERED
WED3DG6417V-D1 WEDC-WED3DG6417V-D1 Datasheet
113Kb / 6P
   128MB- 16Mx64 SDRAM, UNBUFFERED
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG6418S-D4 WEDC-WED3EG6418S-D4 Datasheet
81Kb / 7P
   128MB- 16Mx64 DDR SDRAM UNBUFFERED W/PLL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com