Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W3DG6430V-D2 Datasheet(PDF) 5 Page - White Electronic Designs Corporation

Part # W3DG6430V-D2
Description  256MB - 32M x 64 BUFFERED SDRAM MODULE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

W3DG6430V-D2 Datasheet(HTML) 5 Page - White Electronic Designs Corporation

  W3DG6430V-D2 Datasheet HTML 1Page - White Electronic Designs Corporation W3DG6430V-D2 Datasheet HTML 2Page - White Electronic Designs Corporation W3DG6430V-D2 Datasheet HTML 3Page - White Electronic Designs Corporation W3DG6430V-D2 Datasheet HTML 4Page - White Electronic Designs Corporation W3DG6430V-D2 Datasheet HTML 5Page - White Electronic Designs Corporation W3DG6430V-D2 Datasheet HTML 6Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
February 2002
Rev. 0
W3DG6430V-D2
5
White Electronic Designs
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
PRELIMINARY
AC CHARACTERISTICS
133MHz component timing
Paramater
Symbol
Min
Max
Units
Notes
Access time from CLK
CL = 2
tAC
5.4
ns
Address hold time
tAH
0.8
ns
Address setup time
tAS
1.5
ns
CLK high level width
tCH
2.5
ns
CLK low level width
tCL
2.5
ns
Clock cycle time
CL = 2
tCK
7.5
ns
1
CKE hold time
tCKH
0.8
ns
CKE setup time
tCKS
1.5
ns
CS, RAS, CAS, WE, DQM hold time
tCMH
0.8
ns
CS, RAS, CAS, WE, DQM setup time
tCMS
1.5
ns
Data-in hold time
tDH
0.8
ns
Data-in setup time
tDS
1.5
ns
Data-out high-impedance time
CL = 2
tHZ
5.4
ns
2
Data-out low-impedance time
tLZ
1ns
Data-out hold time (load)
tOH
3ns
Data-out hold time (no load)
tN
1.8
ns
3
Active to Precharge command
tRAS
37
120,000
ns
Active to Active command period
tRC
60
ns
Active to Read or Write delay
tRCD
15
ns
Refresh period
tREF
64
ms
Auot refresh period
tRFC
66
ns
Precharge command period
tRP
15
ns
Active bank a to Active bank b command
tRRD
14
ns
Transition time
tT
0.3
1.2
ns
4
Write recovery time
tWR
1 CLK + 7ns
ns
5
ns
6
Exit Self Refresh to Active command
tXSR
67
ns
7
Notes:
1. The clock frequency must remain constant ( stable clock is defined as a signal cycling within
timing constraints specified for the clock pin) during access or precharge states (READ,
WRITE, including WR and Precharge commands). CKE may be used to reduce the data rate.
2. tHZ defines the time at which the output achieves the open circuit condition; it is not a reference
to VOH or VOL. The last valid data element will meet tOH before going High-Z.
3. Paramater guaranteed by design
4. AC characteristics assume tT = 1ns
5. Auto precharge mode only) The precharge timing budget ( tRP) begins 7ns after the first clock
delay, after the last Write is executed.
6. Precharge mode only.
7. CLK must be toggled a minimum of two times during this period.
MODULE AC CHARACTERISTIC
Symbol
Min
Max
Units
Notes
Address hold time
AH
0
ns
Address setup time
AS
4.5
ns
CS, RAS, CAS, WE, DQM hold time
CMH
0
ns
CS, RAS, CAS, WE, DQM setup time
CMS
4.5
ns


Similar Part No. - W3DG6430V-D2

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
W3DG6432V-D2 WEDC-W3DG6432V-D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V10D2 WEDC-W3DG6432V10D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V75D2 WEDC-W3DG6432V75D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6432V7D2 WEDC-W3DG6432V7D2 Datasheet
93Kb / 5P
   256MB- 32Mx64 SDRAM UNBUFFERED
W3DG6433V-D1 WEDC-W3DG6433V-D1 Datasheet
192Kb / 7P
   256MB - 32Mx64 SDRAM, UNBUFFERED
More results

Similar Description - W3DG6430V-D2

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436632Y24V MOSEL-V436632Y24V Datasheet
314Kb / 12P
   256MB 144-PIN UNBUFFERED SDRAM SODIMM, 32M X 64 3.3VOLT
logo
Elpida Memory
EBD25UC8AKFA-5 ELPIDA-EBD25UC8AKFA-5 Datasheet
152Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD25UC8AKFA-5-E ELPIDA-EBD25UC8AKFA-5-E Datasheet
189Kb / 19P
   256MB Unbuffered DDR SDRAM DIMM (32M words X 64 bits, 1 Rank)
EBD26UC6AKSA ELPIDA-EBD26UC6AKSA Datasheet
204Kb / 19P
   256MB DDR SDRAM SO DIMM (32M words x 64 bits, 2 Banks)
EBD26UC6AKSA-E ELPIDA-EBD26UC6AKSA-E Datasheet
213Kb / 19P
   256MB DDR SDRAM SO-DIMM (32M words x 64 bits, 2 Ranks)
logo
Mosel Vitelic, Corp
V436632R24VL MOSEL-V436632R24VL Datasheet
380Kb / 12P
   3.3 VOLT 32M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V826532K04S MOSEL-V826532K04S Datasheet
268Kb / 14P
   2.5 VOLT 32M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V436532S04VATG-75 MOSEL-V436532S04VATG-75 Datasheet
288Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436632S24V MOSEL-V436632S24V Datasheet
308Kb / 12P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436532S04VATG MOSEL-V436532S04VATG Datasheet
289Kb / 13P
   3.3 VOLT 32M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com